Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2925IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2925IGN
Description  Multiple Power Supply Tracking Controller with Power Good Timeout
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2925IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2925IGN Datasheet HTML 7Page - Linear Technology LTC2925IGN Datasheet HTML 8Page - Linear Technology LTC2925IGN Datasheet HTML 9Page - Linear Technology LTC2925IGN Datasheet HTML 10Page - Linear Technology LTC2925IGN Datasheet HTML 11Page - Linear Technology LTC2925IGN Datasheet HTML 12Page - Linear Technology LTC2925IGN Datasheet HTML 13Page - Linear Technology LTC2925IGN Datasheet HTML 14Page - Linear Technology LTC2925IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2925
11
2925f
Status Output
The STATUS pin provides an indication that the supplies
are finished ramping up. This pin is an open-drain output
that pulls low until the GATE has been fully charged. Since
the GATE pin drives the gate of the external FET, or the
RAMP pin directly when no FET is used, the supplies are
completely ramped up when the GATE pin is fully charged.
The STATUS pin will go low again when the GATE pin is
pulled low, either because of a short-circuit fault, a power
good timeout fault, or because the ON pin has been pulled
low.
Fault Output
The FAULT pin is an open-drain output that pulls low when
the electronic circuit breaker is activated due to a short-
circuit or power good timeout fault. FAULT is reset by
pulling ON below 0.4V. The supplies will not be allowed to
ramp up again until the SCTMR, PGTMR, and SDTMR pins
are below about 100mV, and the ON pin is pulled above
1.23V.
APPLICATIO S I FOR ATIO
RSENSE
Q1
0.1
µF
CPGTMR
VCC SENSEP SENSEN
VIN
VIN
RONB
VIN
RTB1
RTB2
RFA2
SLAVE2
MASTER
RFB2
RTA2
RTB3
RTA3
RTA1
RONA
RAMPBUF
TRACK1
TRACK2
TRACK3
FB2
GATE
LTC2925
PGTMR
CSDTMR
SDTMR
CSCTMR
SCTMR
GND
2925 F09
RAMP
RFA3
SLAVE3
RFB3
DC/DC
IN
FB
OUT
DC/DC
IN
FB
RUN/SS
RUN/SS
OUT
FB3
VIN
PGI
RFA1
SLAVE1
RFB1
SUPPLY
MONITOR
DC/DC
IN
FB
RUN/SS
OUT
FB1
FAULT
ON
10k
VIN
STATUS
REMOTE
RST
SD3
SD2
SD1
CGATE
10
Ω
Figure 9. Retry on Fault
Retry on Fault
The LTC2925 continuously attempts to ramp up the out-
puts after a fault if the FAULT pin is tied to the ON pin
(Figure 9). If a short-circuit fault occurs in this configura-
tion, the SCTMR pin ramps up the CSCTMR capacitor with
50
µA until it reaches 1.23V. Then, GATE is pulled low turn-
ing off the shorted FET. At the same time, the FAULT pin’s
open-drain output pulls ON low. The CSCTMR capacitor is
pulled down with 2
µA until it reaches about 100mV. After
the CSCTMR capacitor reaches 100mV, the shutdown timer
begins and upon completing a shutdown timer cycle, the
supplies start ramping up again. If there is no short-circuit
this time, the supplies will come up normally. Otherwise,
the retry cycle will repeat. If a longer off time is required
between retry attempts, the CSDTMR capacitor value can be
increased, providing a greater delay before the FET’s GATE
ramps up on each cycle. Note that tying FAULT to ON also
causes the LTC2925 to retry on Power Good Timeout faults.
In this mode, verify that the slave supplies’ current limits
provide sufficient protection under short-circuit conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com