Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 6Page - Linear Technology LTC3545 Datasheet HTML 7Page - Linear Technology LTC3545 Datasheet HTML 8Page - Linear Technology LTC3545 Datasheet HTML 9Page - Linear Technology LTC3545 Datasheet HTML 10Page - Linear Technology LTC3545 Datasheet HTML 11Page - Linear Technology LTC3545 Datasheet HTML 12Page - Linear Technology LTC3545 Datasheet HTML 13Page - Linear Technology LTC3545 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC3545/LTC3545-1
10
35451fb
OPERATION
MAIN CONTROL LOOP
The LTC3545/LTC3545-1 use a constant frequency, current
mode step-down architecture. Both the main (P-channel
MOSFET) and synchronous (N-channel MOSFET) switches
are internal. During normal operation, the internal top power
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and turned off when the current comparator,
ICOMP, resets the RS latch. The peak inductor current at
which ICOMP resets the RS latch, is controlled by the output
of error amplifier EA. When the load current increases, it
causes a slight decrease in the feedback voltage FB rela-
tive to the 0.6V reference, which in turn, causes the EA
amplifier’s output voltage to increase until the average
inductor current matches the new load current. While the
top MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse, as indicated by
the current reversal comparator, IRCMP, or the beginning
of the next clock cycle.
PULSE SKIPPING/Burst Mode OPERATION
At light loads, the inductor current may reach zero or
reverse on each pulse. The bottom MOSFET is turned off
by the current reversal comparator, IRCMP, and the switch
voltage will ring. This is discontinuous mode operation,
and is normal behavior for the switching regulator.
At very light loads, the LTC3545/LTC3545-1 will automati-
cally begin operating in either pulse skipping or Burst Mode
operation depending on the state of the MODE/SYNC pin
(LTC3545). In either case the part will begin to skip cycles
in order to maintain regulation.
In pulse skip mode, the current pulses are smaller and
more frequent, giving lower output ripple. In this mode,
internal circuitry remains on and the pulses occur more
frequently resulting in lower efficiency than in Burst Mode
operation at light loads.
In Burst Mode operation, the part supplies fewer, larger
current pulses, resulting in higher output ripple, but much
higher light load efficiency than pulse skip mode. Efficiency
is also improved by turning off much of the internal circuitry
during the dead time between pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com