Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 9Page - Linear Technology LTC3545 Datasheet HTML 10Page - Linear Technology LTC3545 Datasheet HTML 11Page - Linear Technology LTC3545 Datasheet HTML 12Page - Linear Technology LTC3545 Datasheet HTML 13Page - Linear Technology LTC3545 Datasheet HTML 14Page - Linear Technology LTC3545 Datasheet HTML 15Page - Linear Technology LTC3545 Datasheet HTML 16Page - Linear Technology LTC3545 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3545/LTC3545-1
13
35451fb
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple
ΔVOUT is determined by:
ΔΔ
V
I
ESR
C
OUT
L
OUT
≅+
⎛
⎝⎜
⎞
⎠⎟
1
8 ••
ƒ
where f = operating frequency, COUT = output capacitance
and
ΔIL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since
ΔIL increases with input voltage.
Using Ceramic Input and Output Capacitors
Higher value, lower cost, ceramic capacitors are now
widely available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them
ideal for switching regulator applications. Because the
LTC3545/LTC3545-1’s control loop does not depend on
the output capacitor’s ESR for stable operation, ceramic
capacitors can be used freely to achieve very low output
ripple and small circuit size.
However, care must be taken when ceramic capacitors are
used at the input and the output. When a ceramic capacitor
is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can
induce ringing at the input, VIN. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN, large enough
to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Output Voltage Programming
The output voltage is set by tying VFB to a resistive divider
according to the following formula:
VV
R
R
OUT =+
⎛
⎝⎜
⎞
⎠⎟
06
1
2
1
.
The external resistive divider is connected to the output
allowing remote voltage sensing as shown in Figure 2.
APPLICATIONS INFORMATION
Figure 2. Setting the LTC3545 Output Voltage
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...) where L1, L2, etc.
are the individual losses as a percentage of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3545/LTC3545-1 circuits: VIN quiescent cur-
rent and I2R losses. VIN quiescent current loss dominates
the efficiency loss at low load currents, whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of little consequence as illustrated on the
front page of the data sheet.
VFB
GND
LTC3545
0.6V ≤ VOUT ≤ 5.5V
R2
R1
3545 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com