Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 7Page - Linear Technology LTC3545 Datasheet HTML 8Page - Linear Technology LTC3545 Datasheet HTML 9Page - Linear Technology LTC3545 Datasheet HTML 10Page - Linear Technology LTC3545 Datasheet HTML 11Page - Linear Technology LTC3545 Datasheet HTML 12Page - Linear Technology LTC3545 Datasheet HTML 13Page - Linear Technology LTC3545 Datasheet HTML 14Page - Linear Technology LTC3545 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3545/LTC3545-1
11
35451fb
Figure 1. Start-Up from Shutdown, No Load
SOFT-START
Soft-start reduces surge currents on VIN and output
overshoot during start-up. Soft-start on the LTC3545/
LTC3545-1 is implemented by internally ramping the refer-
ence signal fed to the error amplifier over approximately a
1ms period. Figure 1 shows the behavior of the regulator
channels during start-up.
Short-Circuit Protection
Short-circuit protection is achieved by monitoring the in-
ductor current. When the current exceeds a predetermined
level, the main switch is turned off, and the synchronous
switch is turned on long enough to allow the current in the
inductor to decay below the fault threshold. This prevents
a catastrophic inductor current run-away condition, but
will still provide current to the output. Output voltage
regulation in this condition is not achieved.
DROPOUT OPERATION
As the input supply voltage decreases to a value approach-
ing the output voltage, the duty cycle increases toward the
maximum on-time. Further reduction of the supply voltage
forces the main switch to remain on for more than one
cycle until it reaches 100% duty cycle. The output volt-
age will then be determined by the input voltage minus
the voltage drop across the P-channel MOSFET and the
inductor. An important detail to remember is that at low
input supply voltages, the RDS(ON) of the P-channel switch
increases (see Typical Performance Characteristics).
Therefore, the user should calculate the power dissipation
when the LTC3545/LTC3545-1 is used at 100% duty cycle
with low input voltage (See Thermal Considerations in the
Applications Information section).
OPERATION
200μs/DIV
RUNX
2V/DIV
VOUT1
VOUT2
VOUT3
(ALL 1V/DIV)
3545 F01
TA = 25°C
VIN = 3.6V
ILOAD = 0mA, ALL CHANNELS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com