Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 1 Page - Linear Technology

  LTC3545 Datasheet HTML 1Page - Linear Technology LTC3545 Datasheet HTML 2Page - Linear Technology LTC3545 Datasheet HTML 3Page - Linear Technology LTC3545 Datasheet HTML 4Page - Linear Technology LTC3545 Datasheet HTML 5Page - Linear Technology LTC3545 Datasheet HTML 6Page - Linear Technology LTC3545 Datasheet HTML 7Page - Linear Technology LTC3545 Datasheet HTML 8Page - Linear Technology LTC3545 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3545/LTC3545-1
1
35451fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Triple 800mA Synchronous
Step-Down Regulator–2.25MHz
The LTC®3545/LTC3545-1 are triple, high efficiency,
monolithic synchronous buck regulators using a constant
frequency, current mode architecture. The regulators op-
erate independently with separate run pins. The 2.25V to
5.5V input voltage range makes the LTC3545/LTC3545-1
well suited for single Li-Ion battery-powered applications.
Low ripple pulse skip mode or high efficiency Burst Mode
operation is externally selectable. PWM pulse skip mode
operation provides very low output ripple voltage while
Burst Mode operation increases efficiency at low output
loads.
Switching frequency is internally set to 2.25MHz, or the
switching frequency can be synchronized to an external
1MHz to 3MHz clock. Power good indicators easily allow
power on sequencing between the three regulators.
The internal synchronous switches increase efficiency and
eliminate external Schottky diodes. Low output voltages are
supported with the 0.6V feedback reference voltage.
The LTC3545-1 replaces the SYNC/MODE function with a
third PGOOD pin and forces Burst Mode operation.
■
Three 800mA Outputs
■
High Efficiency: Up to 95%
■
2.25V to 5.5V Input Voltage Range
■
Low Ripple (<20mVP-P) Burst Mode
® Operation
IQ: 58μA
■
2.25MHz Constant Frequency Operation or
■
Synchronizable to External 1MHz to 3MHz Clock
■
Power Good Indicators Ease Supply Sequencing
■
0.6V Reference Allows Low Output Voltages
■
Current Mode Operation/Excellent Transient Response
■
Low Profile 16-Lead 3mm
× 3mm QFN Package
■
Smart Phones
■
Wireless and DSL Modems
■
Digital Still Cameras
■
Portable Instruments
■
Point of Load Regulation
High Efficiency Triple Step-Down Converter with Power Sequencing
Efficiency and Loss vs Load Current
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6580258, 5481178, 6127815, 6498466, 6611131.
3545 TA01
L1
1.5μH
C5
10μF
PGND
GNDA
C4 10μF
C6
20pF
R2
255k
R1
511k
C1
10μF
VOUT1
1.8V
VIN
2.25V TO 5.5V
RUN1
PGOOD1
RUN2
PGOOD2
RUN3
L2
1.5μH
R4
226k
C2
10μF
VOUT2
1.2V
SW2
VFB2
SYNC/MODE
SW1
VFB1
VIN PVIN
LTC3545
GNDA
PGND
R7
500k
C7
20pF
R3
226k
R8
500k
L3
1.5μH
R6
200k
C3
10μF
VOUT3
1.5V
SW3
VFB3
C8
20pF
R5
301k
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.0001
0.01
0.1
1
3545 TA01b
0
0.001
1
0.1
0.01
0.0001
0.001
VIN = 2.5V
VIN = 3.6V
VIN = 4.2V
TA = 25°C
VOUT = 2V
Burst Mode OPERATION
fOSC = 2.25MHz
SINGLE CHANNEL


Similar Part No. - LTC3545

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3545-1 LINER-LTC3545-1_15 Datasheet
303Kb / 20P
Triple 800mA Synchronous Step-Down Regulator??.25MHz
LTC3545 LINER-LTC3545_15 Datasheet
303Kb / 20P
Triple 800mA Synchronous Step-Down Regulator??.25MHz
More results

Similar Description - LTC3545

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3560 LINER-LTC3560 Datasheet
327Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3545 LINER-LTC3545_15 Datasheet
303Kb / 20P
Triple 800mA Synchronous Step-Down Regulator??.25MHz
LTC3545-1 LINER-LTC3545-1_15 Datasheet
303Kb / 20P
Triple 800mA Synchronous Step-Down Regulator??.25MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com