Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 5 Page - Linear Technology

  LTC3545 Datasheet HTML 1Page - Linear Technology LTC3545 Datasheet HTML 2Page - Linear Technology LTC3545 Datasheet HTML 3Page - Linear Technology LTC3545 Datasheet HTML 4Page - Linear Technology LTC3545 Datasheet HTML 5Page - Linear Technology LTC3545 Datasheet HTML 6Page - Linear Technology LTC3545 Datasheet HTML 7Page - Linear Technology LTC3545 Datasheet HTML 8Page - Linear Technology LTC3545 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3545/LTC3545-1
5
35451fb
TYPICAL PERFORMANCE CHARACTERISTICS
Channel 1 Load Step Response
Channel 2 Load Step Response
Channel 3 Load Step Response
Supply Current vs Temperature,
Pulse Skipping
Efficiency vs Load Current,
Burst Mode Operation
Efficiency vs Load Current,
Pulse Skipping Operation
TEMPERATURE (°C)
150
200
250
300
350
450
3545 G07
400
VFB3 = 0.625V
ILOAD = 0mA
CHANNEL 3 ONLY
VIN = 5.5V
VIN = 4.5V
VIN = 3.5V
VIN = 2.5V
–50
0
50
150
100
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3545 G08
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
TA = 25°C
VOUT = 1.8V
CHANNEL 3, OTHER CHANNELS OFF
fOSC = 2.25MHz
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3545 G09
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
TA = 25°C
VOUT = 1.8V
CHANNEL 3, OTHER CHANNELS OFF
fOSC = 2.25MHz
10μs/DIV
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT1
100mV/DIV
3545 G10
TA = 25°C
VIN = 3.6V
VOUT = 1.2V
LOAD STEP 0mA TO 600mA
Burst Mode OPERATION
10μs/DIV
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT2
100mV/DIV
3545 G11
TA = 25°C
VIN = 3.6V
VOUT = 1.5V
LOAD STEP 0mA TO 600mA
Burst Mode OPERATION
10μs/DIV
ILOAD
500mA/DIV
IL
500mA/DIV
VOUT3
100mV/DIV
3545 G12
TA = 25°C
VIN = 3.6V
VOUT = 1.8V
LOAD STEP 0mA TO 600mA
Burst Mode OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com