Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 12Page - Linear Technology LTC3545 Datasheet HTML 13Page - Linear Technology LTC3545 Datasheet HTML 14Page - Linear Technology LTC3545 Datasheet HTML 15Page - Linear Technology LTC3545 Datasheet HTML 16Page - Linear Technology LTC3545 Datasheet HTML 17Page - Linear Technology LTC3545 Datasheet HTML 18Page - Linear Technology LTC3545 Datasheet HTML 19Page - Linear Technology LTC3545 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3545/LTC3545-1
20
35451fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0908 REV B • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3405/LTC3405A
300mA IOUT, 1.5MHz, Synchronous Step-Down DC/DC
Converters
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 20μA,
ISD < 1μA, ThinSOT™ Package
LTC3406/LTC3406B
600mA IOUT, 1.5MHz, Synchronous Step-Down DC/DC
Converters
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA,
ISD < 1μA, ThinSOT Package
LTC3407/LTC3407-2
Dual 600mA/800mA IOUT, 1.5MHz/2.25MHz,
Synchronous Step-Down DC/DC Converters
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA,
ISD < 1μA, 10-Lead MSE, DFN Packages
LTC3409
600mA IOUT, 1.7MHz/2.6MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 1.6V to 5.5V, VOUT(MIN) = 0.6V, IQ = 65μA,
ISD < 1μA, DFN Package
LTC3410/LTC3410B
300mA IOUT, 2.25MHz, Synchronous Step-Down DC/DC
Converters
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 26μA,
ISD < 1μA, SC70 Package
LTC3411
1.25A IOUT, 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD < 1μA, 10-Lead MSE, DFN Packages
LTC3412
2.5A IOUT, 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD < 1μA, 16-Lead TSSOPE Package
LTC3419
Dual 600mA, 2.25MHz, Synchronous Step-Down DC/DC
Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 35μA,
ISD < 1μA, MS10, 3mm × 3mm DFN Package
LTC3441/LTC3442
LTC3443
1.2A IOUT, 2MHz, Synchronous Buck-Boost DC/DC
Converters
95% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN): 2.4V to 5.25V, IQ = 50μA,
ISD < 1μA, DFN Package
LTC3531/LTC3531-3
LTC3531-3.3
200mA IOUT, 1.5MHz, Synchronous Buck-Boost DC/DC
Converters
95% Efficiency, VIN: 1.8V to 5.5V, VOUT(MIN): 2V to 5V, IQ = 16μA,
ISD < 1μA, ThinSOT, DFN Packages
LTC3532
500mA IOUT, 2MHz, Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.4V to 5.5V, VOUT(MIN): 2.4V to 5.25V, IQ = 35μA,
ISD < 1μA, 10-Lead MSE, DFN Packages
LTC3544/LTC3544B
300mA, 2
× 200mA, 100mA, 2.25MHz Quad
Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD < 1μA, 3mm × 3mm QFN Package
LTC3547
Dual 300mA IOUT, 2.25MHz, Synchronous Step-Down
DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA,
ISD < 1μA, 8-Lead DFN Package
LTC3548/LTC3548-1
LTC3548-2
Dual 400mA/800mA IOUT, 2.25MHz, Synchronous
Step-Down DC/DC Converters
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 40μA,
ISD < 1μA, 10-Lead MSE, DFN Packages
LTC3561
1.25A IOUT, 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 240μA,
ISD < 1μA, DFN Package
ThinSOT is a Trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com