Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 10Page - Linear Technology LTC3545 Datasheet HTML 11Page - Linear Technology LTC3545 Datasheet HTML 12Page - Linear Technology LTC3545 Datasheet HTML 13Page - Linear Technology LTC3545 Datasheet HTML 14Page - Linear Technology LTC3545 Datasheet HTML 15Page - Linear Technology LTC3545 Datasheet HTML 16Page - Linear Technology LTC3545 Datasheet HTML 17Page - Linear Technology LTC3545 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3545/LTC3545-1
14
35451fb
1. The quiescent current is due to two components: the
DC bias current as given in the electrical characteristics
and the internal main switch and synchronous switch
gate charge currents. The gate charge current results
from switching the gate capacitance of the internal power
MOSFET switches. Each time the gate is switched from
high to low to high again, a packet of charge, dQ, moves
from PVIN to ground. The resulting dQ/dt is the current out
of PVIN that is typically larger than the DC bias current and
proportional to frequency. Both the DC bias and gate charge
losses are proportional to PVIN and thus their effects will
be more pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In con-
tinuous mode, the average output current flowing through
inductor L is “chopped” between the main switch and the
synchronous switch. Thus, the series resistance looking
into the SW pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses when in switching operation, including CIN
and COUT ESR dissipative losses and inductor core losses,
generally account for less than 2% total additional loss.
Thermal Considerations
The LTC3545/LTC3545-1 requires the package backplane
metal to be well soldered to the PC board. This gives the
QFN package exceptional thermal properties, making
it difficult in normal operation to exceed the maximum
junction temperature of the part. In most applications the
LTC3545/LTC3545-1 do not dissipate much heat due to
their high efficiency. In applications where the LTC3545/
LTC3545-1 are running at high ambient temperature
with low supply voltage and high duty cycles, such as in
dropout, the heat dissipated may exceed the maximum
junction temperature of the part if it is not well thermally
grounded. If the junction temperature reaches approxi-
mately 150°C, the power switches will be turned off and
the SW nodes will become high impedance.
To prevent the LTC3545/LTC3545-1 from exceeding the
maximum junction temperature, the user will need to do
some thermal analysis. The goal of the thermal analysis
is to determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to
the ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider one channel of the LTC3545/
LTC3545-1 in dropout at an input voltage of 2.5V, a load
current of 800mA, and an ambient temperature of 85°C.
From the typical performance graph of switch resistance,
the RDS(ON) of the P-channel switch at 85°C can be es-
timated as 0.42
Ω. Therefore, power dissipated by the
channel is:
PD = ILOAD2 • RDS(ON) = 0.27W
The
θJA for the 3mm × 3mm QFN package is 68°C/W. The
temperature rise due to this power dissipation is:
TR = θJA • PD = 18°C
And a junction temperature of:
TJ = 85°C + 18°C = 103°C
which is below the maximum junction temperature of
125°C. This would not be the case if all three channels
were operating at 800mA in dropout. Then TR = 55°C,
limiting the allowed ambient temperature in this scenario
to less than 70°C.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com