Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 12Page - Linear Technology LTC3545 Datasheet HTML 13Page - Linear Technology LTC3545 Datasheet HTML 14Page - Linear Technology LTC3545 Datasheet HTML 15Page - Linear Technology LTC3545 Datasheet HTML 16Page - Linear Technology LTC3545 Datasheet HTML 17Page - Linear Technology LTC3545 Datasheet HTML 18Page - Linear Technology LTC3545 Datasheet HTML 19Page - Linear Technology LTC3545 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3545/LTC3545-1
16
35451fb
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3545/LTC3545-1. These items are also illustrated
graphically in Figures 3 and 4. Figure 3 shows the power
path components and traces. In this figure the feedback
networks are not shown since they reside on the bottom
side of the board. Check the following in your layout:
1. The power traces consisting of the PGND trace, the SW
trace, the PVIN trace, the VIN and GNDA traces, should
be kept short direct and wide.
2. Does each of the VFBx pins connect directly to the
respective feedback resistors? The resistive dividers
must be connected between the (+) plate of the cor-
responding output filter capacitor (e.g. C2) and GNDA.
If the circuit being powered is at such a distance from
the part where voltage drops along circuit traces are
large, consider a Kelvin connection from the powered
circuit back to the resistive dividers.
3. Keep C1 and C5 as close to the part as possible.
4. Keep the switching nodes (SWx) away from the sensi-
tive VFBx nodes.
5. Keep the ground connected plates of the input and
output capacitors as close as possible.
6. Care should be taken to provide enough space between
unshielded inductors in order to minimize any trans-
former coupling.
APPLICATIONS INFORMATION
Figure 3. Layout Diagram
L3
L2
L1
C2
C5
C1
C4
C3
VOUT3
(VIA TO FEEDBACK
NETWORK)
(VIA TO FEEDBACK
NETWORK)
(VIA TO FEEDBACK
NETWORK)
VOUT2
PGND
PVIN
SW3
SW2
SW1
VOUT1
VIN
GNDA
3545 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com