Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3545 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3545
Description  Triple 800mA Synchronous Step-Down Regulator-2.25MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3545 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3545 Datasheet HTML 2Page - Linear Technology LTC3545 Datasheet HTML 3Page - Linear Technology LTC3545 Datasheet HTML 4Page - Linear Technology LTC3545 Datasheet HTML 5Page - Linear Technology LTC3545 Datasheet HTML 6Page - Linear Technology LTC3545 Datasheet HTML 7Page - Linear Technology LTC3545 Datasheet HTML 8Page - Linear Technology LTC3545 Datasheet HTML 9Page - Linear Technology LTC3545 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3545/LTC3545-1
6
35451fb
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up From Shutdown
Loaded
PFET RDS(ON) vs Supply Voltage
PFET RDS(ON) vs Temperature
NFET RDS(ON) vs Supply Voltage
Start-Up From Shutdown
No Load
Load Step Crosstalk
NFET RDS(ON) vs Temperature
200μs/DIV
ISUPPLY
1A/DIV
RUNX
5V/DIV
VOUT1
VOUT2
VOUT3
(ALL 1V/DIV)
3545 G13
TA = 25°C
VIN = 3.6V
ILOAD = 600mA, ALL CHANNELS
200μs/DIV
ISUPPLY
50mA/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
VOUT3
1V/DIV
3545 G14
TA = 25°C
VIN = 3.6V
ILOAD = 0, ALL CHANNELS
200μs/DIV
ILOAD CH1
50mA/DIV
VOUT2
2mV/DIV
VOUT3
2mV/DIV
VOUT1
100mV/DIV
3545 G15
TA = 25°C
VIN = 3.6V
500mA LOAD STEP IN CHANNEL1
CHANNELS 2 AND 3 LOADED AT 400mA EACH
SUPPLY VOLTAGE (V)
2
0
0.20
0.60
0.50
3
4
3545 G16
0.10
0.40
0.30
5
6
TA = 125°C
TA = 80°C
TA = 25°C
TA = 0°C
TA = –40°C
TEMPERATURE (°C)
–40
0
0.05
0.15
0.20
0.25
0.50
0.35
10
3545 G17
0.10
0.40
0.45
0.30
60
110
VIN = 2.5V
VIN = 3.5V
VIN = 5.5V
SUPPLY VOLTAGE (V)
2
0
0.20
0.60
0.50
3
4
3545 G18
0.10
0.40
0.30
5
6
TA = 125°C
TA = 80°C
TA = 25°C
TA = 0°C
TA = –40°C
TEMPERATURE (°C)
–40
0
0.05
0.15
0.20
0.25
0.50
0.35
10
3545 G19
0.10
0.40
0.45
0.30
60
110
VIN = 2.5V
VIN = 3.5V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com