Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC4098-1 Datasheet HTML 1Page - Linear Technology LTC4098-1 Datasheet HTML 2Page - Linear Technology LTC4098-1 Datasheet HTML 3Page - Linear Technology LTC4098-1 Datasheet HTML 4Page - Linear Technology LTC4098-1 Datasheet HTML 5Page - Linear Technology LTC4098-1 Datasheet HTML 6Page - Linear Technology LTC4098-1 Datasheet HTML 7Page - Linear Technology LTC4098-1 Datasheet HTML 8Page - Linear Technology LTC4098-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4098/LTC4098-1
1
40981fb
USB Compatible Switching
Power Managers/Li-Ion Chargers
with Overvoltage Protection
The LTC®4098/LTC4098-1 are high efficiency USB Power-
Path controllers and full-featured Li-Ion/Polymer battery
chargers. They seamlessly manage power distribution from
multiple sources including USB, wall adapter, automotive,
Firewire or other high voltage DC/DC converters, and a
Li-Ion/Polymer battery.
The LTC4098/LTC4098-1’s internal switching regulator
automatically limits its input current for USB compatibility.
For automotive and other high voltage applications, the
LTC4098/LTC4098-1 interface with a Linear Technology
external switching regulator to provide a high efficiency
high voltage power path. Both the USB and the optional
high voltage inputs feature Bat-Track optimized charging
to provide maximum power to the application and ease
thermal issues in high power density applications with
input supplies from 5V to as high as 38V.
An overvoltage circuit protects the LTC4098/LTC4098-1
from high voltage damage on the USB/wall adaptor inputs
with an N-channel FET and a resistor.
The LTC4098/LTC4098-1 are available in the ultra-thin
(0.55mm) 20-lead 3mm
× 4mm QFN surface mount
package.
n Media Players
n GPS
n PDAs
n Smart Phones
n Switching Regulator with Bat-TrackTM Adaptive
Output Control Makes Optimal Use of Limited
Power Available from USB Port to Charge Battery
and Power Application
n Overvoltage Protection Guards Against Damage
n Bat-Track External Step-Down Switching Regulator
Control Maximizes Efficiency from Automotive,
Firewire and Other High Voltage Input Sources
n 180m
Ω Internal Ideal Diode Plus External Ideal Diode
Controller Seamlessly Provide Low Loss PowerPathTM
when Input Power is Limited or Unavailable
n Preset 4.2V Charge Voltage with 0.5% Accuracy
(4.1V for LTC4098-1)
n 4.1V Float Voltage (LTC4098-1) Improves Battery Life
and High Temperature Safety Margin
n Instant-On Operation with Discharged Battery
n 700mA Maximum Load Current from USB Port
n 1.5A Maximum Charge Current with Thermal Limiting
n Ultra-Thin (0.55mm) 20-Lead 3mm
× 4mm QFN
High Efficiency USB/Automotive Battery Charger with Overvoltage Protection
VBUS
10μF
0.1μF
3.01k
1k
10μF
3.3μH
6.04k
VC
WALL
INPUT
AUTOMOTIVE,
FIREWIRE, ETC.
INPUT
USB
TO μC
SYSTEM
LOAD
40981 TA01a
CLPROG
PROG
LTC4098/LTC4098-1
GND
SW
BATSENS
OVGATE
OVSENS
D0-D2
BAT
VOUT
Li-Ion
+
LT3653
3
USB Switching Regulator Efficiency
to System Load (PVOUT/PVBUS)
IVOUT (A)
0.01
0
20
40
60
80
0.1
1
40981 TA01b
100
10
30
50
70
90
BAT = 4.2V
BAT = 3.3V
VBUS = 5V
IBAT = 0mA
10x MODE
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Bat-Track and PowerPath are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC4098-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098-1 LINER-LTC4098-1 Datasheet
391Kb / 52P
Dual-Input Power Manager
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
More results

Similar Description - LTC4098-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4098 LINER-LTC4098_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
logo
SL Power Electronics
JBL702 SLPOWER-JBL702 Datasheet
242Kb / 2P
Li-ion/Polymer Chargers
logo
Linear Technology
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4078 LINER-LTC4078 Datasheet
203Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com