Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 16Page - Linear Technology LTC4098-1 Datasheet HTML 17Page - Linear Technology LTC4098-1 Datasheet HTML 18Page - Linear Technology LTC4098-1 Datasheet HTML 19Page - Linear Technology LTC4098-1 Datasheet HTML 20Page - Linear Technology LTC4098-1 Datasheet HTML 21Page - Linear Technology LTC4098-1 Datasheet HTML 22Page - Linear Technology LTC4098-1 Datasheet HTML 23Page - Linear Technology LTC4098-1 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC4098/LTC4098-1
20
40981fb
NTC Thermistor
The battery temperature is measured by placing a nega-
tive temperature coefficient (NTC) thermistor close to
the battery pack. The NTC circuitry is shown in the Block
Diagram.
To use this feature, connect the NTC thermistor, RNTC,
between the NTC pin and ground and a bias resistor, RNOM,
from NTCBIAS to NTC. RNOM should be a 1% resistor with
a value equal to the value of the chosen NTC thermistor
at 25°C (R25).
The LTC4098/LTC4098-1 will pause charging when the
resistance of the NTC thermistor drops to 0.54 times the
value of R25 or approximately 54k (for a Vishay curve 1
thermistor, this corresponds to approximately 40°C). If
the battery charger is in constant-voltage (float) mode,
the safety timer also pauses until the thermistor indicates
a return to a valid temperature. As the temperature drops,
the resistance of the NTC thermistor rises. The LTC4098/
LTC4098-1 are also designed to pause charging when
the value of the NTC thermistor increases to 3.25 times
the value of R25. For a Vishay curve 1 thermistor, this
resistance, 325k, corresponds to approximately 0°C. The
hot and cold comparators each have approximately 3°C
of hysteresis to prevent oscillation about the trip point.
Grounding the NTC pin disables all NTC functionality.
Figure 6 is a flow chart representation of the battery charger
algorithm employed by the LTC4098/LTC4098-1.
Thermal Regulation
To prevent thermal damage to the LTC4098/LTC4098-1 or
surrounding components, an internal thermal feedback
loop will automatically decrease the programmed charge
current if the die temperature rises to approximately 110°C.
Thermal regulation protects the LTC4098/LTC4098-1 from
excessive temperature due to high power operation or
high ambient thermal conditions, and allows the user to
push the limits of the power handling capability with a
given circuit board design without risk of damaging the
LTC4098/LTC4098-1 or external components. The benefit
of the LTC4098/LTC4098-1 thermal regulation loop is that
charge current can be set according to actual conditions
rather than worst-case conditions for a given application
with the assurance that the charger will automatically
reduce the current in worst-case conditions.
Shutdown Mode
The USB switching regulator is enabled whenever VBUS
is above the UVLO voltage and the LTC4098/LTC4098-1
are not in one of the two USB suspend modes (500μA or
2.5mA). When power is available from both the USB and
high voltage inputs, the high voltage regulator is prioritized
and the USB switching regulator is disabled.
The ideal diode is enabled at all times and cannot be
disabled.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com