Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 24Page - Linear Technology LTC4098-1 Datasheet HTML 25Page - Linear Technology LTC4098-1 Datasheet HTML 26Page - Linear Technology LTC4098-1 Datasheet HTML 27Page - Linear Technology LTC4098-1 Datasheet HTML 28Page - Linear Technology LTC4098-1 Datasheet HTML 29Page - Linear Technology LTC4098-1 Datasheet HTML 30Page - Linear Technology LTC4098-1 Datasheet HTML 31Page - Linear Technology LTC4098-1 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC4098/LTC4098-1
29
40981fb
High Efficiency USB/2A Automotive Battery Charger with Overvoltage
Protection and Low Battery Start-Up
VBUS
VC WALL
ACPR
AUTOMOTIVE,
FIREWIRE, ETC.
USB
TO μC
TO μC
SYSTEM
LOAD
M2
C2
10μF
0805
C1
4.7μF
C7
68nF
C5
10μF
0805
C4
22μF
C6
0.47μF
C3
0.1μF
0603
R4
100k
R9
499k
R11
150k
4
2
3
7
3
7
9, 21
6
9
20
18
19
14
12
10
11
11
1
6
8
5
10
13
D3
M3
R6
3.01k
R7
1k
M1
L1
3.3μH
L2
10μH
40981 TA02
CLPROG
PROG
LTC4098/LTC4098-1
LT3480
GND
SW
BATSENS
OVGATE
OVSENS
D0-D2
CHRG
NTCBIAS
NTC
2
1
15-17
8
4
5
VOUT
IDGATE
BAT
Li-Ion
+
R5
100k
T
M1, M2: VISHAY-SILICONIX Si2333DS
M3: ON SEMICONDUCTOR NTLJS4114N
R5: VISHAY-DALE NTHS0603N011-N1003F
R10
40.2k
R8
100k
R3
6.04k
RT
VIN
RUN/SS
PG
GND
VC
BD
SYNC
SW
FB
BOOST
3
VBUS
OVGATE
WALL
ACPR
5V WALL ADAPTER
USB
TO μC
TO μC
SYSTEM
LOAD
M6
C2
10μF
0805
C1
10μF
0805
C4
10μF
0805
C3
0.1μF
0603
R4
100k
3
7
9, 21
6
218
19
14
12
10
11
13
D4
D3
D2
D1
R6
3.01k
R7
1k
R2
M5
L1
3.3μH
40981 TA03
CLPROG
PROG
LTC4098/LTC4098-1
GND
SW
BATSENS
OVSENSE
D0-D2
CHRG
NTCBIAS
NTC
1
15-17
8
4
5
VOUT
IDGATE
BAT
Li-Ion
+
M3
M4
R5
100k
T
R1
M1
M2
R3
6.04k
M1, M2, M5, M6: VISHAY-SILICONIX Si2333DS
M3, M4: FAIRCHILD SEMI FDN372S
R5: VISHAY-DALE NTHS0603N011-N1003F
D1, D2: NXP BAT54C
D3, D4: ON SEMICONDUCTOR MNBZ5232BLT1G
3
USB/Wall Adapter Battery Charger with Dual Overvoltage Protection,
Reverse-Voltage Protection and Low Battery Start-Up
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com