Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 24Page - Linear Technology LTC4098-1 Datasheet HTML 25Page - Linear Technology LTC4098-1 Datasheet HTML 26Page - Linear Technology LTC4098-1 Datasheet HTML 27Page - Linear Technology LTC4098-1 Datasheet HTML 28Page - Linear Technology LTC4098-1 Datasheet HTML 29Page - Linear Technology LTC4098-1 Datasheet HTML 30Page - Linear Technology LTC4098-1 Datasheet HTML 31Page - Linear Technology LTC4098-1 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4098/LTC4098-1
32
40981fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1208 REV B • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC3555/
LTC3555-1/
LTC3555-3
Switching USB Power Manager
with Li-Ion/Polymer Charger, Triple
Synchronous Buck Converter Plus
LDO
Complete Multifunction PMIC: Switchmode Power Manager and Three Buck Regulators
Plus LDO Charge Current Programmable Up to 1.5A from Wall Adapter Input, Synchronous
Buck Converters Efficiency >95%, ADJ Outputs: 0.8V to 3.6V at 400mA/400mA/1A Bat-Track
Adaptive Output Control, 200mΩ Ideal Diode, 4mm × 5mm QFN-28 Package
LTC3576/
LTC3576-1
Switching Power Manager
with USB On-The-Go Plus
Triple Step-Down DC/DCs
Complete Multifunction PMIC: Bidirectional Switching Power Manager Plus Three Buck
Regulators Plus LDO, ADJ Output Down to 0.8V at 400mA/400mA/1A, Overvoltage Protection,
USB On-The-Go, Charge Current Programmable Up to 1.5A from Wall Adapter Input, Thermal
Regulation, I2C, High Voltage Bat-Track Buck Interface, 180mΩ Ideal Diode; 4mm × 6mm
QFN-38 Package
LTC4088
High Efficiency USB Power Manager
and Battery Charger
Maximizes Available Power from USB Port, Bat-Track, Instant-On Operation, 1.5A Max Charge
Current, 180mΩ Ideal Diode with <50mΩ Option, 3.3V/25mA Always-On LDO, 4mm × 3mm
DFN14 Package
LTC4089/
LTC4089-5/
LTC4089-1
USB Power Manager with Ideal Diode
Controller and High Efficiency Li-Ion
Battery Charger
High Efficiency 1.2A Charger from 6V to 36V (40V Max) Input. Charges Single-Cell
Li-Ion/Polymer Batteries Directly from a USB Port, Thermal Regulation, 200mΩ Ideal Diode
with <50mΩ Option, 6mm × 3mm DFN22 Package. Bat-Track Adaptive Output Control
(LTC4089), Fixed 5V Output (LTC4089-5), 4.1V Float Voltage (LTC4089-1)
LTC4090/
LTC4090-5
High Voltage USB Power Manager
with Ideal Diode Controller and High
Efficiency Li-Ion Battery Charger
High Efficiency 1.2A Charger from 6V to 38V (60V Max) Input. Charges Single-Cell Li-Ion/
Polymer Batteries Directly from a USB Port, Thermal Regulation, 200mΩ Ideal Diode with
<50mΩ Option, 6mm × 3mm DFN22 Package. Bat-Track Adaptive Output Control
LTC4099
I2C Controlled USB Switch Mode
Power Manager with OVP
High VIN: 38V Operating, 60V Transient; 66V OVP. I2C for Control and Status Readback,
Overtemperature Battery Conditioner for Added Battery Safety Margin, Maximizes Available
Power from USB Port, Bat-Track, Instant-On Operation, 1.5A Maximum Charge Current from
Wall, 600mA Charge Current from USB, 180mΩ Ideal Diode with <50mΩ Option; 3mm ×
4mm Ultra-Thin UTQFN-20 Package
LTC4413
Dual Ideal Diodes
3mm × 3mm DFN Package, Low Loss Replacement for ORing Diodes
RELATED PARTS
VBUS
VC
WALL ACPR
AUTOMOTIVE,
FIREWIRE, ETC.
USB
TO μC
TO μC
C3
10μF
0805
C1
4.7μF
50V
C2
0.1μF, 10V
C4
0.1μF
0603
R2
27.4k
1
7
8
9
3
7
9, 21
6
3
20
18
19
14
2
6
5
4
13
M2
R7
3.01k
R8
1k
D2
L2
3.3μH
L1
4.7μH
40981 TA06
CLPROG
PROG
LTC4098/LTC4098-1
LT3653
GND
SW
BATSENS
OVGATE
OVSENS
D0-D2
CHRG
NTCBIAS
NTC
2
1
15-17
8
4
5
VOUT
IDGATE
BAT
VOUT
ISENSE
Li-Ion
R4
6.04k
VIN
ILIM
GND
VC
HVOK
SW
BOOST
3
M1: VISHAY-SILICONIX Si2333DS
M2: ON SEMICONDUCTOR NTLJS4114N
R6: VISHAY-DALE NTHS0603N011-N1003F
SYSTEM
LOAD
M1
C5
10μF
0805
12
10
11
R5
100k
R6
100k
T
+
High Efficiency USB Automotive Battery Charger
with Overvoltage Protection and Low Battery Start-Up
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com