Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 22Page - Linear Technology LTC4098-1 Datasheet HTML 23Page - Linear Technology LTC4098-1 Datasheet HTML 24Page - Linear Technology LTC4098-1 Datasheet HTML 25Page - Linear Technology LTC4098-1 Datasheet HTML 26Page - Linear Technology LTC4098-1 Datasheet HTML 27Page - Linear Technology LTC4098-1 Datasheet HTML 28Page - Linear Technology LTC4098-1 Datasheet HTML 29Page - Linear Technology LTC4098-1 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4098/LTC4098-1
26
40981fb
Solving these equations for RNTC|COLD and RNTC|HOT
results in the following:
RNTC|HOT = 0.536 • RNOM
and
RNTC|COLD = 3.25 • RNOM
By setting RNOM equal to R25, the previous equations
result in rHOT = 0.536 and rCOLD = 3.25. Referencing these
ratios to the Vishay Resistance-Temperature Curve 1 chart
gives a hot trip point of about 40°C and a cold trip point
of about 0°C. The difference between the hot and cold trip
points is approximately 40°C.
By using a bias resistor, RNOM, different in value from
R25, the hot and cold trip points can be moved in either
direction. The temperature span will change somewhat due
to the nonlinear behavior of the thermistor. The following
equations can be used to easily calculate a new value for
the bias resistor:
R
r
R
R
r
R
NOM
HOT
NOM
COLD
=
=
0 536
25
325
25
.
•
.
•
where rHOT and rCOLD are the resistance ratios at the
desired hot and cold trip points. Note that these equations
are linked. Therefore, only one of the two trip points can
be chosen, the other is determined by the default ratios
designed in the IC. Consider an example where a 60°C
hot trip point is desired.
From the Vishay curve 1 R-T characteristics, rHOT is 0.2488
at 60°C. Using the previous equation, RNOM should be set
to 46.4k. With this value of RNOM, the cold trip point is
about 16°C. Notice that the span is now 44°C rather than
the previous 40°C. This is due to the decrease in tem-
perature gain of the thermistor as absolute temperature
increases.
The upper and lower temperature trip points can be inde-
pendently programmed by using an additional bias resistor
as shown in Figure 9b. The following formulas can be used
to compute the values of RNOM and R1:
R
rr
R
RR
r
NOM
COLD
HOT
NOM
HOT
=
=
–
.
•
.•
–
•
2 714
25
1 0 536
R
R25
For example, to set the trip points to 0°C and 45°C with
a Vishay Curve 1 thermistor choose:
Rk
k
NOM ==
3 266 0 4368
2 714
100
104 2
.– .
.
•.
the nearest 1% value is 105k:
R1 = 0.536 • 105k – 0.4368 • 100k = 12.6k
the nearest 1% value is 12.7k. The final circuit is shown
in Figure 9b and results in an upper trip point of 45°C and
a lower trip point of 0°C.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com