Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 24Page - Linear Technology LTC4098-1 Datasheet HTML 25Page - Linear Technology LTC4098-1 Datasheet HTML 26Page - Linear Technology LTC4098-1 Datasheet HTML 27Page - Linear Technology LTC4098-1 Datasheet HTML 28Page - Linear Technology LTC4098-1 Datasheet HTML 29Page - Linear Technology LTC4098-1 Datasheet HTML 30Page - Linear Technology LTC4098-1 Datasheet HTML 31Page - Linear Technology LTC4098-1 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC4098/LTC4098-1
28
40981fb
Battery Charger Stability Considerations
The LTC4098/LTC4098-1’s battery charger contains both a
constant-voltage and a constant-current control loop. The
constant-voltage loop is stable without any compensation
when a battery is connected with low impedance leads.
Excessive lead length, however, may add enough series
inductance to require a bypass capacitor of at least 1μF
from BAT to GND.
High value, low ESR multilayer ceramic chip capacitors
reduce the constant-voltage loop phase margin, possibly
resulting in instability. Ceramic capacitors up to 22μF may
be used in parallel with a battery, but larger ceramics should
be decoupled with 0.2
Ω to 1Ω of series resistance.
Furthermore, a 100μF MLCC in series with a 0.3
Ω resistor
or a 100μF OS-CON capacitor from BAT to GND is required
to prevent oscillation when the battery is disconnected.
In constant-current mode, the PROG pin is in the feed-
back loop rather than the battery voltage. Because of the
additional pole created by any PROG pin capacitance,
capacitance on this pin must be kept to a minimum. With
no additional capacitance on the PROG pin, the charger
is stable with program resistor values as high as 25k.
However, additional capacitance on this node reduces the
maximum allowed program resistor. The pole frequency at
the PROG pin should be kept above 100kHz. Therefore, if
the PROG pin has a parasitic capacitance, CPROG, the fol-
lowing equation should be used to calculate the maximum
resistance value for RPROG:
R
kHz C
PROG
PROG
≤
1
2
100
π ••
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com