Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 10Page - Linear Technology LTC4098-1 Datasheet HTML 11Page - Linear Technology LTC4098-1 Datasheet HTML 12Page - Linear Technology LTC4098-1 Datasheet HTML 13Page - Linear Technology LTC4098-1 Datasheet HTML 14Page - Linear Technology LTC4098-1 Datasheet HTML 15Page - Linear Technology LTC4098-1 Datasheet HTML 16Page - Linear Technology LTC4098-1 Datasheet HTML 17Page - Linear Technology LTC4098-1 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4098/LTC4098-1
14
40981fb
The switching input regulator can also be deactivated
(USB suspend).
The average input current will be limited by the CLPROG pro-
gramming resistor according to the following expression:
II
V
R
h
VBUS
VBUSQ
CLPROG
CLPROG
CLPROG
=+
+
()
•1
where IVBUSQ is the quiescent current of the LTC4098/
LTC4098-1, VCLPROG is the CLPROG servo voltage in
current limit, RCLPROG is the value of the programming
resistor and hCLPROG is the ratio of the measured current
at VBUS to the sample current delivered to CLPROG. Refer
to the Electrical Characteristics table for values of hCLPROG,
VCLPROG and IVBUSQ. Given worst-case circuit tolerances,
the USB specification for the average input current in 1x
or 5x mode will not be violated, provided that RCLPROG is
3.01k or greater.
Table 1 shows the available settings for the D0, D1 and
D2 pins.
Table 1. Controlled Input Current Limit
D2
D1
D0
CHARGER
STATUS
IBUS(LIM)
0
0
0
On
100mA (1x)
0
0
1
On
1A (10x)
0
1
0
On
500mA (5x)
0
1
1
Off
500μA (Susp Low)
1
0
0
Off
100mA (1x)
1
0
1
Off
1A (10x)
1
1
0
Off
500mA (5x)
1
1
1
Off
2.5mA (Susp High)
BAT (V)
2.4
4.5
4.2
3.9
3.6
3.3
3.0
2.7
2.4
3.3
3.9
40981 F02
2.7
3.0
3.6
4.2
NO LOAD
300mV
Figure 2. VOUT vs BAT
Notice that when D0 is high and D1 is low, the switching
regulator is set to a higher current limit for increased
charging and power availability at VOUT. These modes will
typically be used when there is line power available from
a wall adapter.
While not in current limit, the switching regulator’s
Bat-Track feature will set VOUT to approximately 300mV
above the voltage at BAT. However, if the voltage at BAT
is below 3.3V, and the load requirement does not cause
the switching regulator to exceed its current limit, VOUT
will regulate at a fixed 3.6V, as shown in Figure 2. This
instant-on operation will allow a portable product to run
immediately when power is applied without waiting for
the battery to charge.
If the load does exceed the current limit at VBUS, VOUT
will range between the no-load voltage and slighly below
the battery voltage, indicated by the shaded region of
Figure 2.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com