Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC4098-1 Datasheet HTML 1Page - Linear Technology LTC4098-1 Datasheet HTML 2Page - Linear Technology LTC4098-1 Datasheet HTML 3Page - Linear Technology LTC4098-1 Datasheet HTML 4Page - Linear Technology LTC4098-1 Datasheet HTML 5Page - Linear Technology LTC4098-1 Datasheet HTML 6Page - Linear Technology LTC4098-1 Datasheet HTML 7Page - Linear Technology LTC4098-1 Datasheet HTML 8Page - Linear Technology LTC4098-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4098/LTC4098-1
5
40981fb
TYPICAL PERFORMANCE CHARACTERISTICS
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
40981 G01
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
40981 G02
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE
BATTERY VOLTAGE (V)
2.7
750
800
3.9
40981 G03
700
650
3.0
3.3
3.6
4.2
600
550
500
VBUS = 5V
RCLPROG = 3.01k
5x USB SETTING
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
VOUT Voltage vs VOUT Current
(Battery Charger Disabled)
USB Compliant Load Current
Available Before Discharging Battery
TA = 25°C unless otherwise noted.
OUTPUT CURRENT (mA)
0
4.00
4.25
4.50
800
40981 G04
3.75
3.50
3.25
200
400
600
BAT = 4V
BAT = 3.4V
VBUS = 5V
5x MODE
BATTERY VOLTAGE (V)
2.7
150
160
3.9
40981 G07
140
130
3.0
3.3
3.6
4.2
120
110
100
VBUS = 5V
RCLPROG = 3.01k
1x USB SETTING
USB Compliant Load Current
Available Before Discharging Battery
BATTERY VOLTAGE (V)
2.7
500
600
700
3.9
40981 G08
400
300
3.0
3.3
3.6
4.2
200
100
0
VBUS = 5V
RPROG = 1k
RCLPROG = 3.01k
5x USB SETTING,
BATTERY CHARGER SET FOR 1A
LTC4098-1
LTC4098
BATTERY VOLTAGE (V)
2.7
0
25
50
75
100
125
150
3.0
3.3
3.6
3.9
40981 G09
4.2
VBUS = 5V
RPROG = 1k
RCLPROG = 3.01k
1x USB SETTING,
BATTERY CHARGER SET FOR 1A
LTC4098-1
LTC4098
USB Limited Battery Charge
Current vs Battery Voltage
USB Limited Battery Charge
Current vs Battery Voltage
OUTPUT CURRENT (mA)
0
3.25
3.50
40981 G05
3.00
2.75
200
400
600
800
3.75
VBUS = 5V
BAT = 3V
RCLPROG = 3.01k
RPROG = 2k
5x USB SETTING
OUTPUT CURRENT (mA)
0
200
450
40981 G06
–50
–300
200
400
600
800
700
VBUS = 5V
BAT = 3V
RCLPROG = 3.01k
RPROG = 2k
5x USB SETTING
Battery Charge Current vs VOUT
Current (Battery Charger Enabled)
VOUT Voltage vs VOUT Current
(Battery Charger Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com