Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4098-1 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 20Page - Linear Technology LTC4098-1 Datasheet HTML 21Page - Linear Technology LTC4098-1 Datasheet HTML 22Page - Linear Technology LTC4098-1 Datasheet HTML 23Page - Linear Technology LTC4098-1 Datasheet HTML 24Page - Linear Technology LTC4098-1 Datasheet HTML 25Page - Linear Technology LTC4098-1 Datasheet HTML 26Page - Linear Technology LTC4098-1 Datasheet HTML 27Page - Linear Technology LTC4098-1 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC4098/LTC4098-1
24
40981fb
exceeds 6V plus VF(SCHOTTKY), OVGATE will be pulled to
GND and both the WALL and USB inputs will be protected.
Each input is protected up to the drain-source breakdown,
BVDSS, of MN1 and MN2. R1 must also be rated for the
power dissipated during maximum overvoltage. See the
Operations section for an explanation of this calculation.
Table 4 shows some N-channel MOSFETs that may be
suitable for overvoltage protection.
Alternate NTC Thermistors and Biasing
The LTC4098/LTC4098-1 provide temperature-qualified
charging if a grounded thermistor and a bias resistor are
connected to NTC and NTCBIAS. By using a bias resistor
whose value is equal to the room temperature resistance
of the thermistor (R25) the upper and lower temperatures
are preprogrammed to approximately 40°C and 0°C, re-
spectively (assuming a Vishay curve 1 thermistor).
The upper and lower temperature thresholds can be ad-
justed by either a modification of the bias resistor value
or by adding a second adjustment resistor to the circuit.
If only the bias resistor is adjusted, then either the upper
or the lower threshold can be modified but not both. The
other trip point will be determined by the characteristics
of the thermistor. Using the bias resistor in addition to an
R2
R1
USB/WALL
ADAPTER
40981 F08
C1
D1
MN1
MP1
VBUS POSITIVE PROTECTION UP TO BVDSS OF MN1
VBUS NEGATIVE PROTECTION UP TO BVDSS OF MP1
VBUS
OVSENS
OVGATE
LTC4098/
LTC4098-1
Figure 8. Dual-Polarity Voltage Protection
Table 4. Recommended OVP FETs
N-CHANNEL
MOSFET
BVDSS
RON
PACKAGE
Si2302ADS
20V
70m
Ω
SOT-23
IRLML2502
20V
35m
Ω
SOT-23
Si1472DH
30V
65m
Ω
SC70-6
NTLJS4114N
30V
20m
Ω
2mm
× 2mm DFN
FDN372S
30V
45m
Ω
SOT-23
Reverse Voltage Protection
The LTC4098/LTC4098-1 can also be easily protected
against the application of reverse voltage, as shown in
Figure 8. D1 and R1 are necessary to limit the maximum
VGS seen by MP1 during positive overvoltage events.
D1’s breakdown voltage must be safely below MP1’s
BVGS. The circuit shown in Figure 8 offers forward volt-
age protection up to MN1’s BVDSS and reverse voltage
protection up to MP1’s BVDSS.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com