Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  AI4100 Datasheet HTML 1Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AC CHARACTERISTICS
Test Conditions
Symbol
Parameter
VDD
Conditions
-
-
-
-
-
-
-
-
tDR
SHP Pulse Width
3.0V
-
-
-
4
ns
-
-
High–Z
Active
-
-
-
-
-
-
Active
High-Z
-
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
3.0V
Min.
Typ.
Max.
Unit
fS
Conversion Frequency
0.5
50
-
-
23
23
11
11
-
2
5
1
10
10
0
10
-
-
-
20
MHz
tCYC
Clock Cycle Time
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
20
20
-ns
tR
Clock Rising Time
2ns
tF
Clock Falling Time
2ns
tL
Clock Low Period
-ns
tH
Clock High Period
-ns
tWR
SHP Pulse Width
-ns
tWD
SHD Pulse Width
-ns
tDD
SHD Sampling Aperture
4ns
tPSUP
Data Pulse Setup
-ns
tHOLD
Data Pulse Hold
-ns
6
tSP
Sampling Pulse Non-overlay
-ns
tSUPE
Enable Pulse Setup
-ns
tHOLDE
Enable Pulse Hold
-ns
tSUPOC
OUTCK Setup
-ns
tHOLDOC
OUTCK Hold
-ns
tDLD
3-state Disable Delay
-ns
tDLE
3-state Disable Delay
-ns
tDL
ADC Output Data Delay
-ns
5
A
i4100
(VSS = 0V, Ta = 25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com