Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 11 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 11 Page - A1 PROs co., Ltd.

Back Button AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 14Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 15Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Control
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
Always low gain
00
01
High gain for 1 OBP pulse
00
10
High gain for 2 OBP pulse
00
11
High gain for 3 OBP pulse
01
00
High gain for 4 OBP pulse
01
01
High gain for 5 OBP pulse
01
10
High gain for 6 OBP pulse
01
11
High gain for 7 OBP pulse
Boost period
Operations
24.032
23.987
↓
21.071
↓
18.108
18.061
18.14
↓
15.05
↓
12.087
12.041
11.994
↓
9.031
↓
6.058
6.021
5.972
↓
3.056
3.011
2.962
2.915
↓
0.187
0.142
0.093
0.046
0
PGA Gain (dB)
1FF
1FE
↓
1C0
↓
181
180
17F
↓
140
↓
101
100
FF
↓
C0
↓
81
80
7F
↓
41
40
3F
3E
↓
4
3
2
1
0
HEX
257
1
0
0
0
0
0
0
0
1
0
↓
↓
320
0
0
0
0
0
0
1
0
1
0
256
0
0
0
0
0
0
0
0
1
0
255
1
1
1
1
1
1
1
1
0
0
↓
↓
192
0
0
0
0
0
0
1
1
0
0
↓
↓
129
1
0
0
0
0
0
0
1
0
0
128
0
0
0
0
0
0
0
1
0
0
127
1
1
1
1
1
1
1
0
0
0
↓
↓
↓
↓
383
1
1
1
1
1
1
1
0
1
0
384
0
0
0
0
0
0
0
1
1
0
65
1
0
0
0
0
0
1
0
0
0
385
1
0
0
0
0
0
0
1
1
0
64
0
0
0
0
0
0
1
0
0
0
62
0
1
1
1
1
1
0
0
0
0
↓
↓
4
0
0
1
0
0
0
0
0
0
0
3
1
1
0
0
0
0
0
0
0
0
2
0
1
0
0
0
0
0
0
0
0
↓
↓
511
1
1
1
1
1
1
1
1
1
0
510
0
1
1
1
1
1
1
1
1
0
448
0
0
0
0
0
0
1
1
1
0
↓
↓
63
1
1
1
1
1
1
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PGA gain
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
Decimal
Control
A
i4100
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com