Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 14 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 14 Page - A1 PROs co., Ltd.

Back Button AI4100 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 14Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 15Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 16Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 17Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 18Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Control Interface Timing
Test Conditions
Symbol
Parameter
VDD
Conditions
Unit
MHz
ns
ns
ns
ns
ns
ns
pcs
Min.
Typ.
Max.
SCYC
SCK Clock Frequency
3.0V
-
-
-
10
SLO
SCK Clock Low Level Width
3.0V
-
40
-
-
SHI
SCK Clock High Level Width
3.0V
-
40
-
-
SSU
Data Setup Time Period
3.0V
-
20
-
-
SH
Data Hold Time Period
3.0V
-
20
-
-
SR
SCK, CSN Rising Time Period
3.0V
30%
70%
-
-
6
SF
SCK, CSN Falling Time Period
3.0V
70%
30%
-
-
6
SNUM
Number of Serial Data
3.0V
-
-
16
-
A
i4100
Data Output Sequence
14
Pixel Data Readout Sequence (1) : Start of Conversion
CCD
SHP
SHD
ADCLK
OUTCK
DO0~DO9
BLK
Black Level Code
1
2
3
0
1
2
3
05
6
7
4
8
Serial I/F Timing Chart
O0
O1
A0…
D8
D9
50% VDD
50% VDD
50% VDD
CSN
SCK
SDATA
SSU
SCYC
SLO
SHI
SH
SH
SSU
SNUM
(VSS = 0V, Ta = 25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com