Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  AI4100 Datasheet HTML 1Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DC CHARACTERISTICS
Test Conditions
Symbol
Parameter
VDD
Conditions
-
-
VIL=0V
VIH=3.0V
fS=20MHz
fS=20MHz
-
CCDIN input,
fIN=1MHz
VADIN
3V
ADIN input,
fIN=1MHz
-1.0
-
VP-P
SND
S/(N+D)
3V
-
-
56
-
dB
VRP
VRP Voltage (Positive)
3V
-
1.55
1.65
1.75
V
1
-
127
LSB
-
-
-
Absolute gain
Relative gain
Absolute gain
Relative gain
-
-
fS=20MHz
-
-
-
-
-
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
3V
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
0.7VDD
0
-
-
-
-
-
-
1.5
-
-
-2
5.52
11.54
-2.44
-1.2
22.906
0
-
-
-
-
1.25
1.05
16
-
VDD
V
VIL
Low Level Input Voltage
-
-
-
-
23
26
-
1.1
1.7
-
±200
-1
6.02
12.04
-1.94
-0.2
23.906
0.047
-
-
±0.6
58
1.4
1.15
-
0.3VDD
V
IIH
High Level Input Current
200
μA
IIL
Low Level Input Current
1
μA
IMD
Operation Current at Monitor Disable
-
mA
IMA
Supply Current at Monitor Active
-
mA
ISS
Power Down Current
10
μA
VCCDIN
-VP-P
VCLPCAP
Clamp Voltage
1.9
V
tBLKCAL
Black Calibration Time
200
Pixel
VBLKCAL
Maximum Calibration Offset Voltage
-
mV
1
Analog Input Range
G (0)
CDS Gain (Set 0 dB)
0dB
G (1)
CDS Gain (Set 6.02 dB)
6.52
dB
G (2)
CDS Gain (Set 12.04 dB)
12.04
dB
G (3)
CDS Gain (Set -1.94 dB)
-1.44
dB
GMIN
PGA Gain (Minimum Gain)
0.8
dB
GMAX
PGA Gain (Maximum Gain)
24.906
dB
GSTEP
PGA Gain (Gain Step)
0.094
dB
ERPA
Total (CDS+PGA) Gain Monotony
±4LSB
RES
Resolution
10
Bits
DNL
Differential Nonlinearity
±1.0
LSB
SN
S/N
-dB
VCOM
ADC Common Voltage
1.55
V
VRN
VRN Voltage (Negative)
1.25
V
127
LSB
STCAL
Calibration Code Resolution
-LSB
CCAL
ADC Output Black Level Calibration
Code
Note : Black calibration period is specified when CCAL is from 16 to 127LSB. Although black level codes of 1 to 15 could be
set, tBLKCAL is not guaranteed for these codes.
4
A
i4100
(Ta = 25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com