Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AI4100 Datasheet HTML 1Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
ㆍOperating voltage : 2.7V ~ 3.6V
ㆍLow power consumption : 70mW (Typ.)
ㆍPower down mode : less than 30μW
ㆍAccepts a direct signal input to ADC or PGA at
1.0 VPP (Typ.)
ㆍCCD signal input level : 1.1 VP-P (Max.)
ㆍ10-bit ADC (up to 20MHz)
- DNL : ±0.6 LSB (Typ.)
ㆍBlack level neutralizer, target setting : 16~127 LSB
ㆍBuilt-in serial interface
ㆍIndependent ADC input conversion clock and data
output clock
ㆍIndependent CDS and PGA gain control
- CDS : -1.94/ 0/ 6/ 12dB
- PGA : 0~24dB
ㆍWide gain range : -1.94 ~ 36dB
ㆍHigh speed sample and hold circuit : pulse width
11ns (Min.)
ㆍ48-pin LQFP package
GENERAL DESCRIPTION
The Ai4100 is a CMOS single-chip signal processing
devices for CCD area sensors. It consists of a clamp
circuit, Correlated D o u b l e S a m p l e r ( C D S ) ,
Programmable Gain Amplifier (PGA), reference
voltage generator, black level detection circuit,
voltage generator, black level detection circuit,
20MHz 10-bit A/D converter (ADC), timing generator
for internally required pulses and serial interface for
internal function control and PGA gain control.
BLOCK DIAGRAM
A1 PROs
1
A1 PROs
CCD CDS/PGA/10b-20M-ADC
A
i4100
Ver1.0
1
OBP
ADCLK
BLK
CLPCAP
DC Clamp
Timing
Generator
Serial
Register
BandGap
Circuit
10-Bit
ADC
Black Level
Register
PGA
Rough
PGA
Fine
0~6dB
(0.047dB/Step)
0/6/12/18dB
-1.94/0/6/12dB
CCDCLP
CDS
ADCLP
REFIN
CCDIN
CCD
ADIN
OBCAP
OBP
DAC
Compare
VRP
VCOM
VRN
ADCLP/CCDCLP CSN SCK SDATA
MONOUT
VDD
VSS
OUTCK
SHP SHD
RESET STBY
DO0~DO9


Similar Part No. - AI4100

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
AI41-N TURCK-AI41-N Datasheet
367Kb / 2P
excom I/O System Input Module, Analog, Passive, 4-channel
2023-07-21
AI41EX TURCK-AI41EX Datasheet
366Kb / 2P
excom I/O System Input Module, Analog, Passive, 4-channel
2023-07-21
More results

Similar Description - AI4100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L63 EXAR-XRD98L63 Datasheet
616Kb / 41P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
Holtek Semiconductor In...
HT82V842 HOLTEK-HT82V842 Datasheet
161Kb / 18P
CCD CDS/PGA/10b-20M-ADC
July 15, 2004
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
CCD Image Digitizers with CDS, PGA and 12-Bit A/D
logo
List of Unclassifed Man...
FZ800E-ADC-CDS ETC-FZ800E-ADC-CDS Datasheet
79Kb / 1P
ADC-CDS
logo
Exar Corporation
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com