Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 10 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 10 Page - A1 PROs co., Ltd.

Back Button AI4100 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 14Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Control
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DOUT synchronizes to OUTCK
DOUT changes at OUTCK falling edge
ADCLK clock inversion
ADIN signal to PGA
ADIN signal to ADC
Reserved
ADC output high-Z, or logic of STBY
Black level reset, or logic of RESET
Power down, or logic of STBY
Fast clamp ±100μA
No clamp for ADIN
Clamp REFIN only
Clamp CCDIN only
Clamp off
S/H control polarity inversion
Enable control polarity inversion
Both of S/H and enable inversion
CDS signal to monitor
PGA output monitor
Output REFIN and CCDIN
CDS gain=6.02 dB
CDS gain=12.04 dB
CDS gain=-1.94 dB
Always high gain
0
1
0
1
0
1
0
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
1
1
0
1
0
1
X
0
1
0
1
0
1
0
1
0
0
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
Mode 1
Operations
DOUT synchronizes to ADCLK
DOUT changes at OUTCK rising edge
Normal operation as timing chart
ADIN function OFF
Reserved
Normal operation, ADC data output
Normal operation
Normal operation
Mode 2
Normal clamp ±50μA
Clamp operation active for ADIN
Normal mode, clamp both REFIN and CCDIN
Normal operation as timing chart
Monitor off
Mode 3
CDS gain=0 dB
Boost control on
Black loop gain
boost
CDS gain
control
Monitor
selection
S/H, enable
logic
Clamp target
ADIN clamp
Clamp current
Power down
Black level reset
ADC output
Reserved
ADIN
connection
ADCLK polarity
OUTCK polarity
DOUT timing
control
Register Operations
10
A
i4100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com