Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

Back Button AI4100 Datasheet HTML 2Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 3Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 4Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 5Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 6Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 7Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 8Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 10Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Connect the CCDIN pin to the CCD sensor through a
capacitor. Connect also the REFIN pin to VSS through a
capacitor. The CDS circuit holds the pre-charge voltage of
the CCD at SHP pulse and do sampling of the CCD pixel
data at SHD pulse, Correlated noise is removed by
subtracting the pre-charge voltage from the pixel data level.
CDS could choose a gain setting from 0, 6.02, 12 or -1.94dB
(Mode 3, register D4 and D5 bits). A CDS gain is controlled
by PGA gain. It is recommended to increase the CDS gain
then increase the PGA gain to reduce the noise level.
Clamp Circuits
ㆍ DC clamp
The DC level of the CCDIN/REFIN input is fixed by an
internal DC clamp circuit. The DC level of the C-coupled
CCD signal at the CDS input is set to CLPCAP by the
internal DC clamp circuit. The clamp switches are usually
turned on at the black level calibration period. The
CLPCAP pin connects to VSS through a 0.1μF capacitor.
ㆍ ADIN signal clamp
Clamp operation can also be used for the ADIN path. The
clamp voltage is different from the CCDIN/REFIN signal
and it could be turned off by register setting. At “ADIN
signal to ADC” mode, the ADCLP signal controls the “clamp
circuit”. Black level calibration circuit is also controlled by
ADCLP at “ADIN signal to PGA” mode
ㆍ Clamp control
ㆍClamp current (Mode 2 register D7). Charge current
can select normal or fast clamp.
ㆍClamp target (Mode 2 register D5 and D4), input
signal(REFIN and CCDIN) to be clamped are selected.
C D S ( Co r r elated Double Sampling) Circuit
C D S ( Co r r elated Double Sampling) Circuit
The purpose of a black level cancel circuit is to control
the DC level of the PGA input. The ADC output code
at an optical black period may correspond to the black
level code set up by the register. A black level code of
(1 to)16 to 127 LSB is available (the default is 64 LSB)
While the OBP pin is active a black level cancel loop is
established. In the loop, a comparison is made
between the ADC output code and the black level
code, the result controls the voltage of the OBCAP
capacitor. Hence, the OBCAP voltage settles gradually
and the signal level of the optical black period
corresponds to the established value.
The following conditions will reset the OBCAP capaci-
tor:
ㆍ Set the black level reset register to “1”
(Mode 1 register D1=1).
ㆍSet the RESETN pin to low
ㆍPower down by STBY pin or register control
The DC clamping (CCDCLP) is allowed while the DBP pin
is low. The black level cancellation is available at “ADIN
signal to PGA” mode. The black level cancellation is
available at the ADCLP period in this mode. The clamping
function and black level canceling function are done
simultaneously.
A
i4100
FUNCTIONAL DESCRIPTION
6
CCD
ADCLK
BLK
OBP
CCDCLP
OUTCK
DO0~DO9
Data Output
Black Code
OB
Effective Pixel
Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com