Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 13 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 13 Page - A1 PROs co., Ltd.

Back Button AI4100 Datasheet HTML 9Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 14Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 15Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 16Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 17Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AD Conversion Timing (at ADIN (ADC) Input Mode 1 Register D5=1)
These figures are shown when the Mode 1 D8 bit is set to “1”, and an external clock is input to the OUTCK pin. When setting
D8 bit to “0”, the ADCLK is used as OUTCK.
Note : At default condition in ADIN mode, data are sampled at the falling edge of the ADCK clock, and are output at the rising
edge of the OUTCK clock. Set the ADCLK polarity register to “1” when the data are sampled and are output at the falling
edge of the ADCK clock.
The diagram on the upper portion of this page shows the default timing and the lower left figure shows the inverted timing
Delay from data sampling to data output
ADCLK normal : At Mode 1 register D6=0; 5.5 clk delay
ADCLK inversion : At Mode 1 register D6=1; 6.0 clk delay
In ADIN input mode, the above mentioned register setting is available.
At ADIN (PGA) input Mode 1 register D5=0 and D4=1, digital data output is delayed by 2 clks.
ADCLK Clock Waveform
A
i4100
13
0.7VDD
0.3VDD
tR
tF
tL
tCYC
tH
ADCLK Inversion Chart
ADCK
ADCK Input
Rising Edge
Sampling Point
N
N+1
OUTCK Timing Chart
ADCK
OUTCK
tHOLDC
tSUPOC
ADC Direct Input Chart
ADCLK
ADCLK Input
OUTCK
Digital Output
0.7AVDD
0.3AVDD
0.7AVDD
0.3AVDD
tDL
N-2
N-1
N
N-6
N-5
N+4
N+5
N+6
N
N+1
Falling Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com