Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI4100 Datasheet(PDF) 17 Page - A1 PROs co., Ltd.

Part # AI4100
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI4100 Datasheet(HTML) 17 Page - A1 PROs co., Ltd.

Back Button AI4100 Datasheet HTML 10Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 11Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 12Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 13Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 14Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 15Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 16Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 17Page - A1 PROs co., Ltd. AI4100 Datasheet HTML 18Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
A
i4100
APPLICATION CIRCUITS
17
Note : “*” Pin 18 can also connect to ground through a 4.7K resistor.
“**” The capacitor connecting to OBCAP pin may need adjustment depending on user application
from 0.1uF to 1uF typically.
CCDCLP
NC
AVDD4
NC
REFB
REFT
AVDD3
AVDD2
AVSS3
AVSS2
CML
CCDIN
REFIN
OUTCK
RESETN
DVDD1
DVSS1
STBY
CSN
SDATA
SCK
OBP
BLK
ADCLP
A
i4100
Power In
Power In
Power In
Power In
CCD
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
**
0.1uF
*
0.1uF
0.1uF
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com