Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 30Page - Texas Instruments TMS320VC5402 Datasheet HTML 31Page - Texas Instruments TMS320VC5402 Datasheet HTML 32Page - Texas Instruments TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments TMS320VC5402 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
34
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage I/O range, DVDD‡
–0.3 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage core range, CVDD‡
–0.3 V to 2.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
–40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O§
3
3.3
3.6
V
CVDD
Device supply voltage, core§
1.71
1.8
1.98
V
VSS
Supply voltage, GND
0
V
High level input voltage
RS, INTn, NMI, BIO, BCLKR0, BCLKR1,
BCLKX0, BCLKX1, HCS, HDS1, HDS2, TDI,
TMS, CLKMDn
2.2
DVDD + 0.3
VIH
High-level input voltage
DVDD = 3.3"0.3 V
X2/CLKIN¶
1.35
CVDD+0.3
V
DVDD = 3.3"0.3 V
TCK, TRST
2.5
DVDD + 0.3
All other inputs
2
DVDD + 0.3
VIL
Low-level input voltage
DVDD = 3.3"0.3 V
RS, INTn, NMI, X2/CLKIN¶, BIO, BCLKR0,
BCLKR1, BCLKX0, BCLKX1, HCS, HDS1,
HDS2, TCK, CLKMDn
–0.3
0.6
V
DVDD = 3.3"0.3 V
All other inputs
–0.3
0.8
IOH
High-level output current
–300
µA
IOL
Low-level output current
1.5
mA
TC
Operating case temperature
–40
100
°C
§ Texas Instrument DSPs do not require specific power sequencing between the core supply and the I/O supply. However, systems should be
designed to ensure that neither supply is powered up for extended periods of time if the other supply is below the proper operating voltage.
Excessive exposure to these conditions can adversely affect the long term reliability of the devices. System-level concerns such as bus contention
may require supply sequencing to be implemented. In this case, the core supply should be powered up at the same time as or prior to the I/O
buffers and then powered down after the I/O buffers.
¶ All revisions of the ’5402 can be operated with an external clock source, provided that the proper voltage levels be driven on the X2/CLKIN pin.
It should be noted that the X2/CLKIN pin is referenced to the device 1.8V power supply (CVdd), rather than the 3V I/O supply (DVdd). Refer to
the recommended operating conditions section of this document for the allowable voltage levels of the X2/CLKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com