Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 32Page - Texas Instruments TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments TMS320VC5402 Datasheet HTML 38Page - Texas Instruments TMS320VC5402 Datasheet HTML 39Page - Texas Instruments TMS320VC5402 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
36
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
internal oscillator with external crystal
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN. The frequency of CLKOUT
is a multiple of the oscillator frequency. The multiply ratio is determined by the bit settings in the CLKMD register.
The crystal should be in fundamental-mode operation, and parallel resonant, with an effective series resistance
of 30
Ω and power dissipation of 1 mW.
The connection of the required circuit, consisting of the crystal and two load capacitors, is shown in Figure 10.
The load capacitors, C1 and C2, should be chosen such that the equation below is satisfied. CL in the equation
is the load specified for the crystal.
C
L
+
C
1C2
(
C
1
) C
2)
recommended operating conditions of internal oscillator with external crystal (see Figure 10)
MIN
MAX
UNIT
fclock
Input clock frequency
10
20
MHz
X1
X2/CLKIN
C1
C2
Crystal
Figure 10. Internal Oscillator With External Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com