Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 41Page - Texas Instruments TMS320VC5402 Datasheet HTML 42Page - Texas Instruments TMS320VC5402 Datasheet HTML 43Page - Texas Instruments TMS320VC5402 Datasheet HTML 44Page - Texas Instruments TMS320VC5402 Datasheet HTML 45Page - Texas Instruments TMS320VC5402 Datasheet HTML 46Page - Texas Instruments TMS320VC5402 Datasheet HTML 47Page - Texas Instruments TMS320VC5402 Datasheet HTML 48Page - Texas Instruments TMS320VC5402 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ready timing for externally generated wait states
timing requirements for externally generated wait states [H = 0.5 tc(CO)]† (see Figure 17, Figure 18,
Figure 19, and Figure 20)
MIN
MAX
UNIT
tsu(RDY)
Setup time, READY before CLKOUT low
6
ns
th(RDY)
Hold time, READY after CLKOUT low
0
ns
tv(RDY)MSTRB
Valid time, READY after MSTRB low‡
4H–8
ns
th(RDY)MSTRB
Hold time, READY after MSTRB low‡
4H
ns
tv(RDY)IOSTRB
Valid time, READY after IOSTRB low‡
5H–8
ns
th(RDY)IOSTRB
Hold time, READY after IOSTRB low‡
5H
ns
tv(MSCL)
Valid time, MSC low after CLKOUT low
–1
3
ns
tv(MSCH)
Valid time, MSC high after CLKOUT low
–1
3
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states using
READY, at least two software wait states must be programmed.
‡ These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT.
MSC
MSTRB
READY
A[19:0]
CLKOUT
tv(MSCH)
tv(MSCL)
th(RDY)
th(RDY)MSTRB
tv(RDY)MSTRB
Wait State
Generated
by READY
Wait States
Generated Internally
tsu(RDY)
NOTE A: A[19:16] are always driven low during accesses to external data space.
Figure 17. Memory Read With Externally Generated Wait States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com