Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 18Page - Texas Instruments TMS320VC5402 Datasheet HTML 19Page - Texas Instruments TMS320VC5402 Datasheet HTML 20Page - Texas Instruments TMS320VC5402 Datasheet HTML 21Page - Texas Instruments TMS320VC5402 Datasheet HTML 22Page - Texas Instruments TMS320VC5402 Datasheet HTML 23Page - Texas Instruments TMS320VC5402 Datasheet HTML 24Page - Texas Instruments TMS320VC5402 Datasheet HTML 25Page - Texas Instruments TMS320VC5402 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
clock generator (continued)
The reference clock input is then divided by two (DIV mode) to generate clocks for the ’5402 device, or the PLL
circuit can be used (PLL mode) to generate the device clock by multiplying the reference clock frequency by
a scale factor, allowing use of a clock source with a lower frequency than that of the CPU.The PLL is an adaptive
circuit that, once synchronized, locks onto and tracks an input clock signal.
When the PLL is initially started, it enters a transitional mode during which the PLL acquires lock with the input
signal. Once the PLL is locked, it continues to track and maintain synchronization with the input signal. Then,
other internal clock circuitry allows the synthesis of new clock frequencies for use as master clock for the ’5402
device.
This clock generator allows system designers to select the clock source. The sources that drive the clock
generator are:
D A crystal resonator circuit. The crystal resonator circuit is connected across the X1 and X2/CLKIN pins of
the ’5402 to enable the internal oscillator.
D An external clock. The external clock source is directly connected to the X2/CLKIN pin, and X1 is left
unconnected.
NOTE: All revisions of the ’5402 can be operated with an external clock source, provided that the proper voltage
levels be driven on the X2/CLKIN pin. It should be noted that the X2/CLKIN pin is referenced to the device 1.8V
power supply (CVdd), rather than the 3V I/O supply (DVdd). Refer to the recommended operating conditions
section of this document for the allowable voltage levels of the X2/CLKIN pin.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved.Devices that have a built-in
software-programmable PLL can be configured in one of two clock modes:
D PLL mode. The input clock (X2/CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved
using the PLL circuitry.
D DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can be
completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the configuration of the PLL clock module. Upon reset,
the CLKMD register is initialized with a predetermined value dependent only upon the state of the CLKMD1 –
CLKMD3 pins as shown in Table 5.
Table 5. Clock Mode Settings at Reset
CLKMD1
CLKMD2
CLKMD3
CLKMD
RESET VALUE
CLOCK MODE
CLKMD1
CLKMD2
CLKMD3
RESET VALUE
CLOCK MODE
0
0
0
E007h
PLL x 15
0
0
1
9007h
PLL x 10
0
1
0
4007h
PLL x 5
1
0
0
1007h
PLL x 2
1
1
0
F007h
PLL x 1
1
1
1
0000h
1/2 (PLL disabled)
1
0
1
F000h
1/4 (PLL disabled)
0
1
1
—
Reserved (bypass mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com