Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 19Page - Texas Instruments TMS320VC5402 Datasheet HTML 20Page - Texas Instruments TMS320VC5402 Datasheet HTML 21Page - Texas Instruments TMS320VC5402 Datasheet HTML 22Page - Texas Instruments TMS320VC5402 Datasheet HTML 23Page - Texas Instruments TMS320VC5402 Datasheet HTML 24Page - Texas Instruments TMS320VC5402 Datasheet HTML 25Page - Texas Instruments TMS320VC5402 Datasheet HTML 26Page - Texas Instruments TMS320VC5402 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
23
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DMA controller
The ’5402 direct memory access (DMA) controller transfers data between points in the memory map without
intervention by the CPU. The DMA controller allows movements of data to and from internal program/data
memory or internal peripherals (such as the McBSPs) to occur in the background of CPU operation. The DMA
has six independent programmable channels allowing six different contexts for DMA operation.
features
The DMA has the following features:
D The DMA operates independently of the CPU.
D The DMA has six channels. The DMA can keep track of the contexts of six independent block transfers.
D The DMA has higher priority than the CPU for internal accesses.
D Each channel has independently programmable priorities.
D Each channel’s source and destination address registers can have configurable indexes through memory
on each read and write transfer, respectively. The address may remain constant, be post-incremented,
post-decremented, or be adjusted by a programmable value.
D Each read or write transfer may be initialized by selected events.
D Upon completion of a half-block or an entire-block transfer, each DMA channel may send an interrupt to the
CPU.
D The DMA can perform double-word transfers (a 32-bit transfer of two 16-bit words).
DMA memory map
The DMA memory map is shown in Figure 7 to allow DMA transfers to be unaffected by the status of the MPMC,
DROM, and OVLY bits.
FFFF
Reserved
4000
3FFF
Hex
0000
005F
0060
On-Chip DARAM
Scratch-Pad
0080
007F
(16K x 16-bit)
RAM
Reserved
McBSP
Registers
001F
0020
0023
0024
Reserved
Figure 7. ’5402 DMA Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com