Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 24Page - Texas Instruments TMS320VC5402 Datasheet HTML 25Page - Texas Instruments TMS320VC5402 Datasheet HTML 26Page - Texas Instruments TMS320VC5402 Datasheet HTML 27Page - Texas Instruments TMS320VC5402 Datasheet HTML 28Page - Texas Instruments TMS320VC5402 Datasheet HTML 29Page - Texas Instruments TMS320VC5402 Datasheet HTML 30Page - Texas Instruments TMS320VC5402 Datasheet HTML 31Page - Texas Instruments TMS320VC5402 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory-mapped registers (continued)
Table 10. Peripheral Memory-Mapped Registers
NAME
ADDRESS
DESCRIPTION
TYPE
DRR20
20h
McBSP0 data receive register 2
McBSP #0
DRR10
21h
McBSP0 data receive register 1
McBSP #0
DXR20
22h
McBSP0 data transmit register 2
McBSP #0
DXR10
23h
McBSP0 data transmit register 1
McBSP #0
TIM
24h
Timer0 register
Timer0
PRD
25h
Timer0 period counter
Timer0
TCR
26h
Timer0 control register
Timer0
–
27h
Reserved
SWWSR
28h
Software wait-state register
External Bus
BSCR
29h
Bank-switching control register
External Bus
–
2Ah
Reserved
SWCR
2Bh
Software wait-state control register
External Bus
HPIC
2Ch
HPI control register
HPI
–
2Dh–2Fh
Reserved
TIM1
30h
Timer1 register
Timer1
PRD1
31h
Timer1 period counter
Timer1
TCR1
32h
Timer1 control register
Timer1
–
33h–37h
Reserved
SPSA0
38h
McBSP0 subbank address register†
McBSP #0
SPSD0
39h
McBSP0 subbank data register†
McBSP #0
–
3Ah–3Bh
Reserved
GPIOCR
3Ch
General-purpose I/O pins control register
GPIO
GPIOSR
3Dh
General-purpose I/O pins status register
GPIO
–
3Eh–3Fh
Reserved
DRR21
40h
McBSP1 data receive register 2
McBSP #1
DRR11
41h
McBSP1 data receive register 1
McBSP #1
DXR21
42h
McBSP1 data transmit register 2
McBSP #1
DXR11
43h
McBSP1 data transmit register 1
McBSP #1
–
44h–47h
Reserved
SPSA1
48h
McBSP1 subbank address register†
McBSP #1
SPSD1
49h
McBSP1 subbank data register†
McBSP #1
–
4Ah–53h
Reserved
DMPREC
54h
DMA channel priority and enable control register
DMA
DMSA
55h
DMA subbank address register‡
DMA
DMSDI
56h
DMA subbank data register with autoincrement‡
DMA
DMSDN
57h
DMA subbank data register‡
DMA
CLKMD
58h
Clock mode register
PLL
–
59h–5Fh
Reserved
† See Table 11 for a detailed description of the McBSP control registers and their sub-addresses.
‡ See Table 12 for a detailed description of the DMA subbank addressed registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com