Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 21Page - Texas Instruments TMS320VC5402 Datasheet HTML 22Page - Texas Instruments TMS320VC5402 Datasheet HTML 23Page - Texas Instruments TMS320VC5402 Datasheet HTML 24Page - Texas Instruments TMS320VC5402 Datasheet HTML 25Page - Texas Instruments TMS320VC5402 Datasheet HTML 26Page - Texas Instruments TMS320VC5402 Datasheet HTML 27Page - Texas Instruments TMS320VC5402 Datasheet HTML 28Page - Texas Instruments TMS320VC5402 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DMA channel index registers (continued)
The element index and the frame index affect address adjustment as follows:
D Element index: For all except the last transfer in the frame, the element index determines the amount to be
added to the DMA channel for the source/destination address register (DMSRCx/DMDSTx) as selected by
the SIND/DIND bits.
D Frame index: If the transfer is the last in a frame, the frame index is used for address adjustment as selected
by the SIND/DIND bits. This occurs in both single-frame and multi-frame transfer.
DMA interrupts
The ability of the DMA to interrupt the CPU based on the status of the data transfer is configurable and is
determined by the IMOD and DINM bits in the DMA channel mode control register (DMMCRn). The available
modes are shown in Table 6.
Table 6. DMA Interrupts
MODE
DINM
IMOD
INTERRUPT
ABU (non-decrement)
1
0
At full buffer only
ABU (non-decrement)
1
1
At half buffer and full buffer
Multi-Frame
1
0
At block transfer complete (DMCTRn = DMSEFCn[7:0] = 0)
Multi-Frame
1
1
At end of frame and end of block (DMCTRn = 0)
Either
0
X
No interrupt generated
Either
0
X
No interrupt generated
DMA controller synchronization events
The transfers associated with each DMA channel can be synchronized to one of several events. The DSYN bit
field of the DMA channel x sync select and frame count (DMSFCx) register selects the synchronization event
for a channel. The list of possible events and the DSYN values are shown in Table 7.
Table 7. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 receive event
0010b
McBSP0 transmit event
0011–0100b
Reserved
0101b
McBSP1 receive event
0110b
McBSP1 transmit event
0111b–0110b
Reserved
1101b
Timer0 interrupt
1110b
External interrupt 3
1111b
Timer1 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com