Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 48Page - Texas Instruments TMS320VC5402 Datasheet HTML 49Page - Texas Instruments TMS320VC5402 Datasheet HTML 50Page - Texas Instruments TMS320VC5402 Datasheet HTML 51Page - Texas Instruments TMS320VC5402 Datasheet HTML 52Page - Texas Instruments TMS320VC5402 Datasheet HTML 53Page - Texas Instruments TMS320VC5402 Datasheet HTML 54Page - Texas Instruments TMS320VC5402 Datasheet HTML 55Page - Texas Instruments TMS320VC5402 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
instruction acquisition (IAQ), interrupt acknowledge (IACK), external flag (XF), and TOUT timings
switching characteristics over recommended operating conditions for IAQ and IACK
[H = 0.5 tc(CO)] (see Figure 25)
PARAMETER
MIN
MAX
UNIT
td(CLKL-IAQL)
Delay time, CLKOUT low to IAQ low
–1
3
ns
td(CLKL-IAQH)
Delay time, CLKOUT low to IAQ high
–1
3
ns
td(A)IAQ
Delay time, address valid to IAQ low
1
ns
td(CLKL-IACKL)
Delay time, CLKOUT low to IACK low
–1
3
ns
td(CLKL-IACKH)
Delay time , CLKOUT low to IACK high
–1
3
ns
td(A)IACK
Delay time, address valid to IACK low
3
ns
th(A)IAQ
Hold time, IAQ high after address invalid
–2
ns
th(A)IACK
Hold time, IACK high after address invalid
–2
ns
tw(IAQL)
Pulse duration, IAQ low
2H–2
ns
tw(IACKL)
Pulse duration, IACK low
2H–2
ns
MSTRB
IACK
IAQ
A[19:0]
CLKOUT
td(A)IACK
td(A)IAQ
tw(IACKL)
th(A)IACK
td(CLKL-IACKL)
tw(IAQL)
th(A)IAQ
td(CLKL-IAQL)
td(CLKL-IACKH)
td(CLKL-IAQH)
Figure 25. IAQ and IACK Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com