Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 26Page - Texas Instruments TMS320VC5402 Datasheet HTML 27Page - Texas Instruments TMS320VC5402 Datasheet HTML 28Page - Texas Instruments TMS320VC5402 Datasheet HTML 29Page - Texas Instruments TMS320VC5402 Datasheet HTML 30Page - Texas Instruments TMS320VC5402 Datasheet HTML 31Page - Texas Instruments TMS320VC5402 Datasheet HTML 32Page - Texas Instruments TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DMA subbank addressed registers (continued)
Table 12. DMA Subbank Addressed Registers
DMA
NAME
ADDRESS
SUB-
ADDRESS
DESCRIPTION
DMSRC0
56h/57h
00h
DMA channel 0 source address register
DMDST0
56h/57h
01h
DMA channel 0 destination address register
DMCTR0
56h/57h
02h
DMA channel 0 element count register
DMSFC0
56h/57h
03h
DMA channel 0 sync select and frame count register
DMMCR0
56h/57h
04h
DMA channel 0 transfer mode control register
DMSRC1
56h/57h
05h
DMA channel 1 source address register
DMDST1
56h/57h
06h
DMA channel 1 destination address register
DMCTR1
56h/57h
07h
DMA channel 1 element count register
DMSFC1
56h/57h
08h
DMA channel 1 sync select and frame count register
DMMCR1
56h/57h
09h
DMA channel 1 transfer mode control register
DMSRC2
56h/57h
0Ah
DMA channel 2 source address register
DMDST2
56h/57h
0Bh
DMA channel 2 destination address register
DMCTR2
56h/57h
0Ch
DMA channel 2 element count register
DMSFC2
56h/57h
0Dh
DMA channel 2 sync select and frame count register
DMMCR2
56h/57h
0Eh
DMA channel 2 transfer mode control register
DMSRC3
56h/57h
0Fh
DMA channel 3 source address register
DMDST3
56h/57h
10h
DMA channel 3 destination address register
DMCTR3
56h/57h
11h
DMA channel 3 element count register
DMSFC3
56h/57h
12h
DMA channel 3 sync select and frame count register
DMMCR3
56h/57h
13h
DMA channel 3 transfer mode control register
DMSRC4
56h/57h
14h
DMA channel 4 source address register
DMDST4
56h/57h
15h
DMA channel 4 destination address register
DMCTR4
56h/57h
16h
DMA channel 4 element count register
DMSFC4
56h/57h
17h
DMA channel 4 sync select and frame count register
DMMCR4
56h/57h
18h
DMA channel 4 transfer mode control register
DMSRC5
56h/57h
19h
DMA channel 5 source address register
DMDST5
56h/57h
1Ah
DMA channel 5 destination address register
DMCTR5
56h/57h
1Bh
DMA channel 5 element count register
DMSFC5
56h/57h
1Ch
DMA channel 5 sync select and frame count register
DMMCR5
56h/57h
1Dh
DMA channel 5 transfer mode control register
DMSRCP
56h/57h
1Eh
DMA source program page address (common channel)
DMDSTP
56h/57h
1Fh
DMA destination program page address (common channel)
DMIDX0
56h/57h
20h
DMA element index address register 0
DMIDX1
56h/57h
21h
DMA element index address register 1
DMFRI0
56h/57h
22h
DMA frame index register 0
DMFRI1
56h/57h
23h
DMA frame index register 1
DMGSA
56h/57h
24h
DMA global source address reload register
DMGDA
56h/57h
25h
DMA global destination address reload register
DMGCR
56h/57h
26h
DMA global count reload register
DMGFR
56h/57h
27h
DMA global frame count reload register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com