Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 29Page - Texas Instruments TMS320VC5504 Datasheet HTML 30Page - Texas Instruments TMS320VC5504 Datasheet HTML 31Page - Texas Instruments TMS320VC5504 Datasheet HTML 32Page - Texas Instruments TMS320VC5504 Datasheet HTML 33Page - Texas Instruments TMS320VC5504 Datasheet HTML 34Page - Texas Instruments TMS320VC5504 Datasheet HTML 35Page - Texas Instruments TMS320VC5504 Datasheet HTML 36Page - Texas Instruments TMS320VC5504 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 3-16. GPIO Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
General-Purpose Input/Output
External Flag Output. XF is used for signalling other processors in multiprocessor
configurations or XF can be used as a fast general-purpose output pin.
–
XF is set high by the BSET XF instruction and XF is set low by the BCLR XF
XF
M8
O/Z
DVDDIO
instruction or by writing to bit 13 of the ST1_55 register. At reset, the XF pin will be
high. For more information on the ST1_55 register, see the TMS320C55x 3.0 CPU
Reference Guide (literature number: SWPU073).
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_CLK/
IPD
For GPIO, it is general-purpose input/output pin 0 (GP[0]).
I2S0_CLK/
L10
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[0]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_CMD/
IPD
For GPIO, it is general-purpose input/output pin 1 (GP[1]).
I2S0_FS/
M11
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[1]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_D0/
IPD
For GPIO, it is general-purpose input/output pin 2 (GP[2]).
I2S0_DX/
L9
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[2]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_D1/
IPD
For GPIO, it is general-purpose input/output pin 3 (GP[3]).
I2S0_RX/
M10
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[3]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0 and GPIO.
MMC0_D2/
IPD
For GPIO, it is general-purpose input/output pin 4 (GP[4]).
L12
I/O/Z
GP[4]
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0 and GPIO.
MMC0_D3/
IPD
For GPIO, it is general-purpose input/output pin 5 (GP[5]).
L11
I/O/Z
GP[5]
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between I2S1 and GPIO.
I2S1_CLK/
IPD
M13
I/O/Z
For GPIO, it is general-purpose input/output pin 6 (GP[6]).
GP[6]
DVDDIO
Mux control via the SP1MODE bits in the EBSR.
This pin is multiplexed between I2S1 and GPIO.
I2S1_FS/
IPD
For GPIO, it is general-purpose input/output pin 7 (GP[7]).
L14
I/O/Z
GP[7]
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between I2S1 and GPIO.
I2S1_DX/
IPD
For GPIO, it is general-purpose input/output pin 8 (GP[8]).
M14
I/O/Z
GP[8]
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between I2S1 and GPIO.
I2S1_RX/
IPD
For GPIO, it is general-purpose input/output pin 9 (GP[9]).
M12
I/O/Z
GP[9]
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
enabled or disabled via the PDINHIBR1 register.
For GPIO, it is general-purpose input/output pin 10 (GP[10]).
IPD
GP[10]
K14
I/O/Z
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
DVDDIO
enabled or disabled via the PDINHIBR1 register.
For GPIO, it is general-purpose input/output pin 11 (GP[11]).
IPD
GP[11]
L13
I/O/Z
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
DVDDIO
enabled or disabled via the PDINHIBR1 register.
For GPIO, it is general-purpose input/output pin 12 (GP[12]).
IPD
GP[12]
P7
I/O/Z
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
DVDDIO
enabled or disabled via the PDINHIBR3 register.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com