Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 17Page - Texas Instruments TMS320VC5504 Datasheet HTML 18Page - Texas Instruments TMS320VC5504 Datasheet HTML 19Page - Texas Instruments TMS320VC5504 Datasheet HTML 20Page - Texas Instruments TMS320VC5504 Datasheet HTML 21Page - Texas Instruments TMS320VC5504 Datasheet HTML 22Page - Texas Instruments TMS320VC5504 Datasheet HTML 23Page - Texas Instruments TMS320VC5504 Datasheet HTML 24Page - Texas Instruments TMS320VC5504 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 3-5. Oscillator/PLL Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
DSP clock output signal. For debug purposes, the CLKOUT pin can be used to tap
different clocks within the DSP clock generator. The SRC bits in the CLKOUT
Control Source Register (CCSSR) can be used to specify the CLKOUT pin source.
Additionally, the slew rate of the CLKOUT pin can be controlled by the Output
Slew Rate Control Register (OSRCR) [0x1C16]. For more detailed information on
the CCSSR and OSRCR registers, see the TMS320VC5505 DSP System User's
–
Guide (literature number: SPRUFP0)
CLKOUT
A7
O/Z
DVDDIO
The CLKOUT pin is enabled/disabled through the CLKOFF bit in the CPU ST3_55
register. When disabled, the CLKOUT pin is placed in high-impedance (Hi-Z). At
reset the CLKOUT pin is enabled until the beginning of the boot sequence, when
the on-chip Bootloader sets CLKOFF = 1 and the CLKOUT pin is disabled (Hi-Z).
For more information on the ST3_55 register, see the TMS320C55x 3.0 CPU
Reference Guide (literature number: SWPU073).
Input clock. This signal is used to input an external clock when the 32-KHz on-chip
oscillator is not used as the DSP clock (pin CLK_SEL = 1). For boot purposes, the
CLKIN frequency is assumed to be either 11.2896, 12, or 12.288 MHz.
The CLK_SEL pin (C7) selects between the 32-KHz crystal clock or CLKIN.
When the CLK_SEL pin is low, this pin should be tied to ground (VSS). When
–
CLKIN
A8
I
CLK_SEL is high, this pin should be driven by an external clock source.
DVDDIO
If CLK_SEL is high, this pin is used as the reference clock for the clock generator
and during bootup the bootloader bypasses the PLL and assumes the CLKIN
frequency is one of the following frequencies: 11.2896-, 12-, or 12.288-MHz. With
these frequencies in mind, the bootloader sets the SPI clock rates at 500 KHz, the
I2C clock rate at 400 KHz, and UART at 57600 baud.
Clock input select. This pin selects between the 32-KHz crystal clock or CLKIN.
0 = 32-KHz on-chip oscillator drives the RTC timer and the DSP clock generator
while CLKIN is ignored.
–
1 = CLKIN drives the DSP clock generator and the 32-KHz on-chip oscillator
CLK_SEL
C7
I
DVDDIO
drives only the RTC timer.
This pin is not allowed to change during device operation; it must be tied high or
low at the board.
see Section 5.2,
VDDA_PLL
C10
PWR
1.3-V Analog PLL power supply for the system clock generator.
ROC
see Section 5.2,
VSSA_PLL
D9
GND
Analog PLL ground for the system clock generator.
ROC
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com