Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 45Page - Texas Instruments TMS320VC5504 Datasheet HTML 46Page - Texas Instruments TMS320VC5504 Datasheet HTML 47Page - Texas Instruments TMS320VC5504 Datasheet HTML 48Page - Texas Instruments TMS320VC5504 Datasheet HTML 49Page - Texas Instruments TMS320VC5504 Datasheet HTML 50Page - Texas Instruments TMS320VC5504 Datasheet HTML 51Page - Texas Instruments TMS320VC5504 Datasheet HTML 52Page - Texas Instruments TMS320VC5504 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
4.5 Configurations at Reset
4.5.1
Device and Peripheral Configurations at Device Reset
4.6 Configurations After Reset
4.6.1
External Bus Selection Register (EBSR)
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Some device configurations are determined at reset. The following subsections give more details.
Table 4-2 summarizes the device boot and configuration pins that are required to be statically tied high,
tied low, or left unconnected during device operation. For proper device operation, a device reset should
be initiated after changing any of these pin functions.
Table 4-2. Default Functions Affected by Device Configuration Pins
CONFIGURATION PINS
SIGNAL NO.
IPU/IPD
FUNCTIONAL DESCRIPTION
DSP_LDO_EN
D12
–
[Not supported on this device. Reserved for
compatibility with future devices]. For proper
device operation, this pin must be connected to
ground (VSS). For future device family pin
compatibility, board designs should have this pin
layout with a zero-
Ω resistor to ANA_LDOI and a
zero-
Ω resistor to ground. For VC5504, only the
zero-
Ω resistor to ground should be populated.
DSP_LDO_V
D13
–
[Not supported on this device. Reserved for
compatibility with future devices]. For proper
device operation, this pin must be connected to
the same supply as the ANA_LDOI pin (B12). For
future device family pin compatibility, board
designs should have this pin layout with a zero-
Ω
resistor to ANA_LDOI and a zero-
Ω resistor to
ground. For VC5504, only the zero-
Ω resistor to
ANA_LDOI should be populated.
CLK_SEL
C7
–
Clock input select.
0 = 32-KHz on-chip oscillator drives the RTC
timer and the DSP clock generator while CLKIN
is ignored.
1 = CLKIN drives the DSP clock generator and
the 32-KHz on-chip oscillator drives only the RTC
timer.
This pin is not allowed to change during device
operation; it must be tied high or low at the
board.
For proper device operation, external pullup/pulldown resistors may be required on these device
configuration pins. For discussion situations where external pullup/pulldown resistors are required, see
Section 4.8.1, Pullup/Pulldown Resistors.
This device also has RESERVED pins that need to be configured correctly for proper device operation
(statically tied high, tied low, or left unconnected at all times). For more details on these pins, see
Table 3-18, Reserved and No Connects Terminal Functions.
The following sections provide details on configuring the device after reset. Multiplexed pin functions are
selected by software after reset. For more details on multiplexed pin function control, see Section 4.7,
Multiplexed Pin Configurations.
The External Bus Selection Register (EBSR) determines the mapping of the I2S2, I2S3, UART, SPI, and
GPIO signals to 21 signals of the external parallel port pins. It also determines the mapping of the I2S or
MMC/SD ports to serial port 1 pins and serial port 2 pins. The EBSR register is located at port address
0x1C00. Once the bit fields of this register are changed, the routing of the signals takes place on the next
CPU clock cycle.
Submit Documentation Feedback
Device Configuration
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com