Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 43Page - Texas Instruments TMS320VC5504 Datasheet HTML 44Page - Texas Instruments TMS320VC5504 Datasheet HTML 45Page - Texas Instruments TMS320VC5504 Datasheet HTML 46Page - Texas Instruments TMS320VC5504 Datasheet HTML 47Page - Texas Instruments TMS320VC5504 Datasheet HTML 48Page - Texas Instruments TMS320VC5504 Datasheet HTML 49Page - Texas Instruments TMS320VC5504 Datasheet HTML 50Page - Texas Instruments TMS320VC5504 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
CLKSEL =1
?
InternalConfiguration
SetupPLL to
x375
Start Timer0toCount
200ms
NORBoot
?
Yes
NANDBoot
?
Yes
No
16-bitSPI
EEPROM
Boot
?
Yes
No
I2CBoot
?
Yes
MMC/SD0Boot
(NotSupported)
?
No
UART Boot
(NotSupported)
?
USBBoot
(NotSupported)
?
SetRegister
Configuration
CopyBoot
ImageSections
toSystem
Memory
Has Timer0
CounterExpired
?
No
Yes
JumptoStored
ExecutionPoint
No
Yes
No
4.4.1
Boot Modes
4.4.2
Boot Configuration
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Figure 4-1. Bootloader Software Architecture
The VC5504 DSP supports the following boot modes in the following device order: NOR Flash, NAND
Flash, 16-bit SPI EEPROM, and I2C EEPROM. The boot mode is determined by checking for a valid boot
signature on each supported boot device. The first boot device with a valid boot signature will be used to
load and execute the user code. If none of the supported boot devices have a valid boot signature, the
Bootloader goes into an endless loop checking the unsupported UART and USB boot modes and the
device must be reset to look for another valid boot image in the supported boot modes.
After reset, the on-chip Bootloader programs the system clock generator based on the input clock selected
via the CLK_SEL pin. If CLK_SEL = 0, the Bootloader programs the system clock generator and sets the
system clock to 12.288 MHz (multiply the 32.768-KHz RTC oscillator clock by 375). If CLK_SEL = 1, the
Bootloader bypasses the system clock generator altogether and the system clock is driven by the CLKIN
pin.
Note:
Submit Documentation Feedback
Device Configuration
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com