Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 69Page - Texas Instruments TMS320VC5504 Datasheet HTML 70Page - Texas Instruments TMS320VC5504 Datasheet HTML 71Page - Texas Instruments TMS320VC5504 Datasheet HTML 72Page - Texas Instruments TMS320VC5504 Datasheet HTML 73Page - Texas Instruments TMS320VC5504 Datasheet HTML 74Page - Texas Instruments TMS320VC5504 Datasheet HTML 75Page - Texas Instruments TMS320VC5504 Datasheet HTML 76Page - Texas Instruments TMS320VC5504 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
6.7.1.3 Reset Pin (RESET)
6.7.2
Pin Behaviors at Reset
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 can receive an external reset signal on the RESET pin. As specified above in
Section 6.7.1.2, Main Power-On Reset, the RESET pin is combined with the internal POWERGOOD
signal, that is generated by the MAIN POR, via an AND-gate. The output of the AND gate provides the
hardware reset to the chip. The RESET pin may be tied high and the MAIN POR will provide the hardware
reset, or the RESET pin may be externally generated.
Once the internal hardware reset, from the MAIN POR and the RESET pin, goes high, the DSP clock
generator is enabled and the DSP starts the boot sequence. For more information on the boot sequence,
see Section 4.4, Boot Sequence.
During normal operation, pins are controlled by the respective peripheral selected in the External Bus
Selection Register (EBSR) register. During power-on reset and reset, the behavior of the output pins
changes and is categorized as follows:
• High Group: EM_CS4, EM_CS5, EM_CS2, EM_CS3, EM_DQM0, EM_DQM1, EM_OE, EM_WE,
SPI_CS3, RSV15, RSV14, XF
• Low Group: SPI_CLK, EM_R/W, MMC0_CLK/I2S0_CLK/GP[0], MMC1_CLK/I2S1_CLK/GP[6], RSV12
• Z Group: EM_D[15:0], EMU[1:0], SCL, SDA, SPI_RX, SPI_TX, I2S2_RX/GP[20]/SPI_RX,
I2S2_DX/GP[27]/SPI_TX,
I2S2_RTS/GP[28]/I2S3_CLK,
I2S2_CTS/GP[29]/I2S3_RS,
I2S2_RXD/GP[30]/I2S3_RX, I2S2_TXD/GP[31]/I2S3_DX, GP[12], GP[13], GP[14], GP[15], GP[16],
GP[17],
I2S2_CLK/GP[18]/SPI_CLK,/I2S2_FS/GP[19]/SPI_CS0,
RTC_CLKOUT,
MMC0_CMD/I2S0_FS/GP[1],
MMC0_D0/I2S0_DX/GP[2],
MMC0_D1/I2S0_RX/GP[3],
MMC0_D2/GP[4],
MMC0_D3/GP[5],
MMC1_CMD/I2S1_FS/GP[7],
MMC1_D0/I2S1_DX/GP[8],MMC1_D1/I2S1_RX/GP[9],MMC1_D2/GP[10],
MMC1_D3/GP[11],
TDO,
WAKEUP
• CLKOUT Group: CLKOUT, SPI_CS1
• SYNCH 0→1 Group: SPI_CS0, SPI_CS2, RSV13
• SYNCH 1→0 Group: RSV10, RSV11
• SYNCH X→1 Group: EM_BA[1:0]
• SYNCH X→0 Group: EM_A[20:0]
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com