Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 49Page - Texas Instruments TMS320VC5504 Datasheet HTML 50Page - Texas Instruments TMS320VC5504 Datasheet HTML 51Page - Texas Instruments TMS320VC5504 Datasheet HTML 52Page - Texas Instruments TMS320VC5504 Datasheet HTML 53Page - Texas Instruments TMS320VC5504 Datasheet HTML 54Page - Texas Instruments TMS320VC5504 Datasheet HTML 55Page - Texas Instruments TMS320VC5504 Datasheet HTML 56Page - Texas Instruments TMS320VC5504 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
4.7 Multiplexed Pin Configurations
4.7.1
Pin Multiplexing Details
4.7.1.1 SPI, UART, I2S2, I2S3, and GP[31:27, 20:18] Pin Multiplexing [EBSR.PPMODE Bits]
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 DSP uses pin multiplexing to accommodate a larger number of peripheral functions in the
smallest possible package, providing the ultimate flexibility for end applications. The external bus selection
register (EBSR) controls all the pin multiplexing functions on the device.
This section discusses how to program the external bus selection register (EBSR) to select the desired
peripheral functions and pin muxing. See the individual pin mux sections for pin muxing details for a
specific muxed pin. After changing any of the pin mux control registers, it will be necessary to reset the
peripherals that are affected.
The SPI, UART, I2S2, I2S3, and GPIO signal muxing is determined by the value of the PPMODE bit fields
in the External Bus Selection Register (EBSR) register. For more details on the actual pin functions, see .
Submit Documentation Feedback
Device Configuration
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com