Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 3Page - Texas Instruments TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments TMS320VC5504 Datasheet HTML 10Page - Texas Instruments TMS320VC5504 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 4.6.2, EMIF and USB System Control Registers (ESCR and USBSCR) [1C33h and 1C32h]:
•
Updated/Changed the first paragraph
Section 4.6.4, Pull-up/Pull-down Inhibit Registers (PDINHIBR1/2/3) [1C17h, 1C18h, and 1C19h, respectively]:
•
Updated/Changed the first paragraph
Section 4.6.5, Output Slew Rate Control Register (OSRCR) [1C16h]:
•
Deleted "control" for the "The output slew rate control ..." sentence
Section 4.8
Section 4.8.1, Pullup/Pulldown Resistors:
Debugging Considerations
•
Updated/Changed "The DSP features internal ..." sentence in the first paragraph
•
Updated/Changed the "For the configuration pins (listed ..." paragraph
Section 4.8.2, CLKOUT Pin:
•
Updated/Changed the "Note: the bootloader ..." paragraph
•
Updated/Changed the "For more detailed information on the CLKOUT Control ..." paragraph
Section 5
Section 5.1, Absolute Maximum Ratings Over Operating Case Temperature Range:
Device Operating
•
Updated/Changed the "Input and Output voltage ranges:"
Conditions
•
Added Device Operating Life Power-On Hours (POH) rows for Commercial and Industrial temperature
ranges
•
Added associated POH footnote
Section 5
Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Device Operating
Temperature:
Conditions
•
Updated/Changed the ISD "Input current shutdown, ANA_LDO" to "ANA_LDO shutdown input current"
•
Updated/Changed the IILPU input only pin, internal pulldown or pullup disabled MAX value of "±1 µA" to a
MIN and MAX value of "-5 and +5
µA", respectively
•
Added an IIHPD input only pin, internal pulldown or pullup disabled row
•
Updated/Changed the IIH/IIL , Input current [DC], ALL pins MIN value from "-10" to "-5" µA
•
Updated/Changed the IIH/IIL , Input current [DC], ALL pins MAX value from "-10" to "-5" µA
•
Updated/Changed the IOZ, All Pins (except USB) MAX value of "±20 µA" to a MIN and MAX value of "-10
and +10
µA", respectively
Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature:
•
Updated/Changed the ICDD, Core (CVDD) supply current, CVDD = 1.3 V, DSP clock = 100 MHz TYP value
to "0.22 mW/MHz"
•
Updated/Changed the ICDD, Core (CVDD) supply current, CVDD = 1.05 V, DSP clock = 60 MHz TYP value
to "0.15 mW/MHz"
•
Added "Active, " to the TEST CONDITIONS description for both CVDD = 1.3 V and CVDD = 1.05 V
Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature:
•
Added additional Active and Standby power values to the ICDD, Core (CVDD) supply current
Section 6
Section 6.3, Power Supplies:
Peripheral Information and
•
Updated/Changed the paragraph
Electrical Specifications
Section 6.3
Section 6.3.1, Power Supply Sequencing:
Power Supplies
•
Updated/Changed the lead-in paragraph
•
Updated/Changed the power-up sequence requirement steps
Section 6.3.2, Power-Supply Design Considerations:
•
Updated/Changed the paragraph
Section 6.3.3, Power-Supply Decoupling:
•
Updated/Changed the first paragraph
•
Updated/Changed the "... Large bulk caps ..." pargraph value from "100" to "10"
µF
Section 6.3.4, LDO Input Decoupling:
•
Added as new Section
Section 6.3.5, LDO Output Decoupling:
•
Added as new Section
Section 6.4
Section 6.4.1, Real-Time Clock (RTC) On-Chip Oscillator With External Crystal:
External Clock Input From
•
Updated/Changed the last sentence in the first paragraph
RTC_XI, CLKIN, and
•
Updated/Changed the "The crystal should be ..." paragraph
USB_MXI Pins
•
Updated/Changed Figure 6-3, 32.768-kHz RTC Oscillator
Submit Documentation Feedback
Revision History
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com