Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 59Page - Texas Instruments TMS320VC5504 Datasheet HTML 60Page - Texas Instruments TMS320VC5504 Datasheet HTML 61Page - Texas Instruments TMS320VC5504 Datasheet HTML 62Page - Texas Instruments TMS320VC5504 Datasheet HTML 63Page - Texas Instruments TMS320VC5504 Datasheet HTML 64Page - Texas Instruments TMS320VC5504 Datasheet HTML 65Page - Texas Instruments TMS320VC5504 Datasheet HTML 66Page - Texas Instruments TMS320VC5504 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
6.3 Power Supplies
6.3.1
Power-Supply Sequencing
6.3.2
Power-Supply Design Considerations
6.3.3
Power-Supply Decoupling
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 includes four core voltag-level supplies (CVDD, CVDDRTC, USB_VDD1P3, USB_VDDA1P3), and
several I/O supplies (DVDDIO, DVDDEMIF, DVDDRTC, USB_VDDOSC, and USB_VDDA3P3), as well as several
analog supplies (ANA_LDOI, VDDA_PLL, VDDA_ANA, and USB_VDDPLL). To ensure proper device operation, a
specific power-up sequence must be followed. Some TI power-supply devices include features that
facilitate power sequencing—for example, Auto-Track and Slow-Start/Enable features. For more
information regarding TI's power management products and suggested devices to power TI DSPs, visit
www.ti.com/processorpower.
The VC5504 includes four core voltage-level supplies (CVDD, CVDDRTC, USB_VDD1P3, USB_VDDA1P3), and
several I/O supplies including—DVDDIO, DVDDEMIF, DVDDRTC, USB_VDDOSC, and USB_VDDA3P3
For proper device operation, the general power-up sequence requirements can be summarized as
ANA_LDOI and all core-level supplies must come up first, followed by the I/O level supplies. Specifically,
the power-up sequence requirement is:
1. Apply power to the ANA_LDOI, CVDDRTC, CVDD, USB_VDD1P3, USB_VDDA1P3, VDDA_ANA, and VDDA_PLL.
Note: the Analog LDO output (ANA_LDOO) can be used to power the VDDA_ANA, and VDDA_PLL
supplies.
2. Apply power to I/Os: DVDDIO, DVDDEMIF, DVDDRTC, USB_VDDOSC, USB_VDDA3P3, and USB_VDDPLL.
Core supplies must be powered before I/O supplies. If the I/O supplies are powered before the core
supply, the core signals controlling bi-directional I/Os are in an "undetermined state" and can set some of
the bi-directional I/Os to drive against an external device, causing bus contention. Therefore, the I/O
Supplies (DVDDIO, DVDDEMIF, DVDDRTC, USB_VDDOSC, USB_VDDA3P3, and USB_VDDPLL) should not ramp
above 1.65 V before core supplies (CVDDRTC, CVDD, USB_VDD1P3, USB_VDDA1P3) reach 0.9 V.
If the USB subsystem is not used, the USB Core (USB_VDD1P3, USB_VDDA1P3) and USB PHY and I/O level
supplies (USB_VDDOSC, USB_VDDA3P3, and USB_VDDPLL) can be powered on and off anytime after this
sequence. When powering on these supplies, the USB PHY, USB oscillator, and USB PLL (USB_VDDOSC,
USB_VDDA3P3, and USB_VDDPLL) should not ramp above 1.65 V before the USB Core (USB_VDD1P3,
USB_VDDA1P3) reaches 0.9 V. When powering off these supplies, the USB Core (USB_VDD1P3,
USB_VDDA1P3) should not drop below 0.9 V before the USB PHY, USB oscillator, and USB PLL
(USB_VDDOSC, USB_VDDA3P3, and USB_VDDPLL) drop below 1.65 V.
Core and I/O supply voltage regulators should be located close to the DSP (or DSP array) to minimize
inductance and resistance in the power delivery path. Additionally, when designing for high-performance
applications utilizing the VC5504 device, the PC board should include separate power planes for core, I/O,
VDDA_ANA and VDDA_PLL (which can share the same PCB power plane), and ground; all bypassed with
high-quality low-ESL/ESR capacitors.
In order to properly decouple the supply planes from system noise, place capacitors (caps) as close as
possible to the VC5504. These caps need to be no more than 1.25 cm maximum distance from the
VC5504 power pins to be effective. Physically smaller caps, such as 0402, are better but need to be
evaluated from a yield/manufacturing point-of-view. Parasitic inductance limits the effectiveness of the
decoupling capacitors, therefore physically smaller capacitors should be used while maintaining the largest
available capacitance value.
Larger caps for each supply can be placed further away for bulk decoupling. Large bulk caps (on the order
of 10
µF) should be furthest away, but still as close as possible. Large caps for each supply should be
placed outside of the BGA footprint.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com