Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5504 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 18Page - Texas Instruments TMS320VC5504 Datasheet HTML 19Page - Texas Instruments TMS320VC5504 Datasheet HTML 20Page - Texas Instruments TMS320VC5504 Datasheet HTML 21Page - Texas Instruments TMS320VC5504 Datasheet HTML 22Page - Texas Instruments TMS320VC5504 Datasheet HTML 23Page - Texas Instruments TMS320VC5504 Datasheet HTML 24Page - Texas Instruments TMS320VC5504 Datasheet HTML 25Page - Texas Instruments TMS320VC5504 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 3-6. Real-Time Clock (RTC) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Real-time clock oscillator output. This pin operates at the RTC core voltage,
CVDDRTC, and supports a 32.768-kHz crystal.
If the RTC oscillator is not used, it can be disabled by connecting RTC_XI to
–
CVDDRTC and RTC_XO to ground (VSS). A voltage must still be applied to CVDDRTC
RTC_XO
A9
I
CVDDRTC
(see Section 5.2, Recommended Operating Conditions).
Note: When RTC oscillator is disabled, the RTC registers (I/O address range 1900h
– 197Fh) are not accessible.
Real-time clock oscillator input.
If the RTC oscillator is not used, it can be disabled by connecting RTC_XI to
CVDDRTC and RTC_XO to ground (VSS). A voltage must still be applied to CVDDRTC
–
RTC_XI
B9
I
(see Section 5.2, Recommended Operating Conditions).
CVDDRTC
Note: When RTC oscillator is disabled, the RTC registers (I/O address range 1900h
– 197Fh) are not accessible.
Real-time clock output pin. This pin operates at DVDDRTC voltage. The
–
RTC_CLKOUT pin is enabled/disabled through the RTCCLKOUTEN bit in the RTC
RTC_CLKOUT
D8
O/Z
DVDDRTC
Power Management Register (RTCPMGT). At reset, the RTC_CLKOUT pin is
disabled (high-impedance [Hi-Z]).
The pin is used to WAKEUP the core from idle condition. This pin defaults to an
–
WAKEUP
E8
I/O/Z
input at CVDDRTC powerup, but can also be configured as an active-low open-drain
DVDDRTC
output signal to wakeup an external device from an RTC alarm.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Device Overview
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com