Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 35 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 31Page - Texas Instruments TUSB3200CPAH Datasheet HTML 32Page - Texas Instruments TUSB3200CPAH Datasheet HTML 33Page - Texas Instruments TUSB3200CPAH Datasheet HTML 34Page - Texas Instruments TUSB3200CPAH Datasheet HTML 35Page - Texas Instruments TUSB3200CPAH Datasheet HTML 36Page - Texas Instruments TUSB3200CPAH Datasheet HTML 37Page - Texas Instruments TUSB3200CPAH Datasheet HTML 38Page - Texas Instruments TUSB3200CPAH Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
2–19
be generated by the TUSB3200 device, should be a frequency of 24.576 MHz. The start of each 48-kHz frame is
synchronized to the rising edge of the SYNC signal, which is an output of the TUSB3200 device. The SYNC signal
is driven high each frame for the duration of slot 0. See Figure 2–2 for details on connecting the TUSB3200 to a
CODEC device in this mode.
MCLKO
CSYNC
CSCLK
CDATO
CDATI
CRESET
CSCHNE
AC97CLK
SYNC
BIT_CLK
SD_IN
SD_OUT
CRESET
TUSB3200
AC’97 IC
Figure 2–2. Connection of the TUSB3200 to an AC ’97 CODEC
The AC link protocol defines slot 0 as a special slot called the
tag slot and defines slots 1 through 12 as data slots.
Slot 1 and slot 2 are used to transfer command and status information between the TUSB3200 device and the
CODEC. Slot 1 and slot 2 of the outgoing serial data stream are defined as the command address and command data
slots, respectively. These slots are used for writing to the control registers in the CODEC. Slot 1 and slot 2 of the
incoming serial data stream are defined as the status address and status data slots, respectively. These slots are
used for reading from the control registers in the CODEC.
Unused or reserved time slots and unused bit locations within a valid time slot are filled with zeros. Since each data
time slot is 20 bits in length, the protocol supports 8-bit, 16-bit, 18-bit or 20-bit data transfers.
2.2.13.2 Audio CODEC (AC) ’97 2.0 Mode of Operation
The basic serial protocol for the AC ’97 2.0 mode is the same as the AC ’97 1.0 mode. The AC ’97 2.0 mode, however,
offers some additional features. In this mode, the TUSB3200 provides support for multiple CODEC devices and also
on-demand sampling. The TUSB3200 can connect directly to two AC ’97 CODECs as shown in Figure 2–3. Note that
if only one CODEC is used, then the SD_IN2 input (pin 40) should be tied to DVSS.
Table 2–4. Terminal Assignments for CODEC Port Interface AC ’97 2.0 Mode
TERMINAL
AC ’97 Version 2.0
NO.
NAME
MODE 3
35
CSYNC
SYNC
O
34
CSCLK
BIT_CLK
I
36
CDATO
SD_OUT
O
38
CDATI
SD_IN1
I
39
CRESET
RESET
O
40
CSCHNE
SD_IN2
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com