Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 51 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 51 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 47Page - Texas Instruments TUSB3200CPAH Datasheet HTML 48Page - Texas Instruments TUSB3200CPAH Datasheet HTML 49Page - Texas Instruments TUSB3200CPAH Datasheet HTML 50Page - Texas Instruments TUSB3200CPAH Datasheet HTML 51Page - Texas Instruments TUSB3200CPAH Datasheet HTML 52Page - Texas Instruments TUSB3200CPAH Datasheet HTML 53Page - Texas Instruments TUSB3200CPAH Datasheet HTML 54Page - Texas Instruments TUSB3200CPAH Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
A–3
Program Memory
FFFFh
28K - Reserved
9000h
8FFFh
Boot ROM (4K)
24K - Reserved
0000h
External Data Memory
FFFFh
Memory Mapped Registers
(80 Bytes)
FFB0h
FFAFh
USB Endpoint Configuration
Blocks and Buffer Space
(1968 Bytes)
F800h
F7FFh
62K - Reserved
2000h
1FFFh
Code RAM (8K)
(Read/ Write)
0000h
8000h
7FFFh
Figure A–2. Normal Operating Mode Memory Map
A.3 External MCU Mode Memory Space
When using an external MCU for firmware development, only the USB configuration blocks, the USB buffer space
and the memory mapped registers are accessible by the external MCU. See Section A.4 for details. In this mode,
only address lines A0 to A10 are input to the TUSB3200 device from the external MCU. Therefore, the USB buffer
space and the memory mapped registers in the external data memory space are not fully decoded since all sixteen
address lines are not available. Hence, the USB buffer space and the memory mapped registers are actually
accessible at any 2K boundary within the total 64K external data memory space of the external MCU. As a result,
when using the TUSB3200 in the external MCU mode, nothing can be mapped to the external data memory space
of the external MCU except the USB buffer space and the memory mapped registers of the TUSB3200 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com