Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 43Page - Texas Instruments TUSB3200CPAH Datasheet HTML 44Page - Texas Instruments TUSB3200CPAH Datasheet HTML 45Page - Texas Instruments TUSB3200CPAH Datasheet HTML 46Page - Texas Instruments TUSB3200CPAH Datasheet HTML 47Page - Texas Instruments TUSB3200CPAH Datasheet HTML 48Page - Texas Instruments TUSB3200CPAH Datasheet HTML 49Page - Texas Instruments TUSB3200CPAH Datasheet HTML 50Page - Texas Instruments TUSB3200CPAH Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
4–1
4 Application Information
6 MHz
U1
TUSB3200
51 50 49 48 47
52
46
44 43 42
45
41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
12
13
CRESET
CDATI
DVDD
CDATO
CSYNC
CSCLK
P1.7
P1.6
P1.5
P1.4
P1.3
DVDDS
PLLFILO
AV
DD
PWMO
PLLO
DVSS
PUR
DP
DM
DVDD
MRESET
TEST
EXTEN
RSTO
DVSS
3.3VA
C10
100 pF
C11
1000 pF
2
1
2
1
3.12 k
Ω
1
2
R9
C4
33 pF
2
1
AGND
C3
33 pF
2
1
1
2
Y1
AGND
5VD
MCLKO
GND
SDA
VCC
WP
SCL
A0
A1
A2
1
2
3
4
8
7
6
5
DGND
24LC01
U4
5VD
4.99 k
Ω
4.99 k
Ω
R23
R6
EEPROM
3.3VD
SPST_MOM
+
1
2
1
µF
C5
1.5
k
Ω
1
2
R5
Data–
VCC
Shield
GND
Shield
Data+
GND
VCC
1
2
3
4
6
5
J1
USB_TYEB–RA
1.5 k
Ω
22.1
Ω
22.1
Ω
1
2
1
2
12
R1
R4
R3
1
2
1
2
R24
R25
4.99 k
Ω
4.99 k
Ω
S1
Control
Button
5VD
1
2
DGND
3.3 VD
3.3 VD
Figure 4–1. Typical TUSB3200 Device Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com