Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200CPAH Datasheet(PDF) 52 Page - Texas Instruments

Part # TUSB3200CPAH
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200CPAH Datasheet(HTML) 52 Page - Texas Instruments

Back Button TUSB3200CPAH Datasheet HTML 48Page - Texas Instruments TUSB3200CPAH Datasheet HTML 49Page - Texas Instruments TUSB3200CPAH Datasheet HTML 50Page - Texas Instruments TUSB3200CPAH Datasheet HTML 51Page - Texas Instruments TUSB3200CPAH Datasheet HTML 52Page - Texas Instruments TUSB3200CPAH Datasheet HTML 53Page - Texas Instruments TUSB3200CPAH Datasheet HTML 54Page - Texas Instruments TUSB3200CPAH Datasheet HTML 55Page - Texas Instruments TUSB3200CPAH Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
A–4
A.4 USB Endpoint Configuration Blocks and Data Buffers Space
A.4.1
USB Endpoint Confiuration Blocks
The USB endpoint configuration space contains 16 blocks of 8 bytes which define configuration, buffer location, buffer
size, and data count for 16 (8 input and 8 output) USB endpoints. The MCU, UBM, and DMA, all have access to these
configuration blocks.
The device defines an endpoint of a USB pipe by initializing the configuration block configuration byte. It defines the
location of the pipe X and Y buffers in endpoint data buffer space by writing to the X buffer base address byte and
Y buffer base address byte. Base addresses are octlet (8-byte) aligned. Finally, the device sets the X and Y buffer
size to allocate fixed sized buffers for the pipe. Both X and Y buffer size must be greater than or equal to the USB
packet size associated with the endpoint. If the buffer size is greater than the USB packet size, each buffer will
independently recirculate.
A.4.2
Data Buffers Space
The endpoint data buffer space (1832 bytes) provides rate buffering between the USB and CODECs attached to the
TUSB3200. Buffers are defined in this space by base address pointers and size descriptors in the USB endpoint
configuration blocks. The MCU also has access to this space.
The UBM associates USB endpoints with buffers in the endpoint data buffer space by looking up configuration for
an endpoint in USB endpoint configuration space. A particular DMA channel is associated with a buffer through an
endpoint number in the DMA channel’s control register.
External Data Memory
Memory Mapped Registers
(80 Bytes)
Endpoint Configuration Blocks
(128 Bytes)
Setup Data Packet Buffer
(8 Bytes)
Endpoint Data Buffers
(1832 Bytes)
FFFFh
FFB0h
FFAFh
FF30h
FF2Fh
FF28h
FF27h
F800h
DMA Access
DMA Access
MCU Access
UBM Access
Figure A–3. USB Endpoint Configuration Blocks and Buffer Space Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com